Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology LTM2893 Datasheet HTML 13Page - Linear Technology LTM2893 Datasheet HTML 14Page - Linear Technology LTM2893 Datasheet HTML 15Page - Linear Technology LTM2893 Datasheet HTML 16Page - Linear Technology LTM2893 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTM2893/LTM2893-1
13
28931fb
For more information www.linear.com/LTM2893
APPLICATIONS INFORMATION
DIGITAL INTERFACE
The LTM2893 has a serial digital interface. The flexible VL
supply allows the LTM2893 to communicate with digital
logic operating between 1.71V and 5.5V, including 2.5V
and 3.3V systems. The serial digital interface matches the
characteristics of a serial peripheral interface bus (SPI)
mode (0, 0) with a minor variation that data is captured
on the rising edge and changes after the rising edge for
SCK2 frequencies of 100MHz and 66MHz, except for
MOSI2 on the LTM2893-1, which changes data on the
falling edge of SCK2 in all cases. This variation allows for
additional propagation and setup time to the next rising
clock (SCK) edge, and should be transparent in most ap-
plications. For SCK2 frequencies of 50MHz or less, data
is captured on the rising edge of SCK and changes on the
falling edge of SCK.
The serial output data is clocked out on the MISO pin when
SS is low and an external clock is applied to the SCK pin.
Clocking out the data immediately after the BUSY signal
goes low will yield the best performance. When SS is high,
the MISOA and MISOB pins are high impedance.
The serial digital interface is monitored by the fault detec-
tion system watchdog for conditions that are considered
a stalled process. Input timing is monitored for delays
longerthantWATCHDOG_TIMEOUTbetweentherisingedgesof
adjacent SCKs. The SCKs are counted and if the expected
number is exceeded, the FAULT output will go low.
The rise and fall time of the logic signals into and out
of the serial digital interface are approximately 1ns or
less. Careful routing between the master device and the
LTM2893 are necessary to avoid reflections resulting in
incorrect data sampling or double clocking. Short direct
routing with ground shielding is necessary. Avoid adding
stubs to the signal routing as these may cause reflections.
STARTUP
The LTM2893 has an internal startup communication rou-
tine to verify both sides of the isolation barrier are ready
for communication. The startup routine is initiated when
voltage is supplied to VCC and VCC2 inputs above 2.75V, VL
and VL2inputsabove1.5V,thelogicsideONsignalishigh,
and the Isolated ON2 signal is high. The BUSY signal will
go high and then low indicating the two internal isolators
have completed the communication startup routine. Once
the BUSY output goes low, the system is ready.
The isolated ON2 pin can be controlled by an external volt-
age supervisor to delay the system ready signal until all
isolatedsuppliesandsystemsareready.Anexampleofthis
is demonstrated in Figure 16 with a LTC2917 configurable
voltage supervisor. The logic side BUSY signal will stay
high until the isolated side supervisor has verified the
supplies are above the specified voltage.
BUSY INDICATOR (LOGIC SIDE)
The BUSY output pin goes high under three conditions:
at startup, during data conversion, and when a watchdog
timeout occurs. During normal operation, after a CNV
rising edge, a high on the BUSY output indicates the ADC
is currently converting an ADC result and is de-asserted
when the data is ready to be read from MISOA and MISOB.
Wait for the BUSY output to go low and wait a tSSFSCK
delay before initiating the first SCK after SS is set low. This
delay allows the most significant bit to be setup properly.
During startup the BUSY output is set high to indicate the
LTM2893 is powering up and will be de-asserted when
isolated communication is verified.
If a watchdog time-out occurs the BUSY signal will go
high and the FAULT pin will go low.
BUSY2 AND BUSYS INPUTS (ISOLATED SIDE)
The isolated side signals BUSY2 and BUSYS control when
the LTM2893 reads data from the ADC(s). Multiple con-
figurationsofthetwoisolatedbusysignalsexist.Internally,
the BUSY2 and the BUSYS input are logically OR-ed into
a single busy response for which the falling edge is used
to trigger the ready to read isolated SPI port function.
If a single ADC is connected to the LTM2893, the ADC
BUSY output connects to the BUSY2 signal and BUSYS
is connected to GND2, see Figure 14. Once the BUSY2
signal goes high then low, a SPI transaction will begin.
ADCs that contain a sleep function when two conversion
start events are triggered without a SPI read must be
treated differently. The LTM2893 does not wake up ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com