Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 18Page - Linear Technology LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM2893/LTM2893-1
22
28931fb
For more information www.linear.com/LTM2893
TIMING DIAGRAMS
Figure 9. Logic Side Interface of ADC
frequency = 100MHz) to mask the propagation delay of the
CNV signal to the isolated ADC and the return of the first
two bits in the SPI result. Once the LTM2893 has received
the first two bits from the ADC and stored them in the logic
side serial buffer, the BUSY signal goes low indicating the
data is ready for reading. The SS input is driven low by the
host controller to enable the SPI serial interface. The MSB
of the ADC result is set on the MISOA and MISOB pins.
MISOA output results correspond to the data read into the
MISOA2 isolated input, MISOB output result corresponds
to the data read into the MISOB2 isolated input. MISOA
and MISOB will contain two independent serial output
streams of the specified WORDLENGTH. After the MSB of
the MISOA and MISOB data is available the host controller
can clock the SCK signal the specified number of times
to read in the full ADC result or pair of results. The host
must release the SS signal shortly after the final SCK. The
fault monitor counts the time between SS transitions and
SCK rising edges for stall conditions. Connect a resistor
from MISOB to GND and connect MISOB2 to GND2 if the
second SPI data path is not used.
The LTM2893 uses the SS signal as a framing signal
around the data transfer of the SPI data. However, the
SS signal can be held low continuously if only one or
one pair of simultaneously sampled ADCs exists on the
isolated side and the logic side SPI bus is not shared by
other peripherals. In the event that a fault occurs the SS
signal must be driven high to allow the FAULT flag to be
cleared on the next transaction.
ISOLATED INTERFACE LTM2893
The LTM2893 autonomously interacts with the isolated
ADC when a CNV is initiated. The isolated side CNV2 is
asserted to the ADC and the LTM2893 watches for a rising
edge on BUSY2 and BUSYS. After the BUSY2 or BUSYS
goes high and then low, the isolated side of the LTM2893
will begin reading the ADC. During the SPI read, both
MISOA2 and MISOB2 are captured in parallel using the
same SCK and SS signal. If a single ADC is used with one
MISOA2 connection, connect MISOB2 to GND2. Once the
SPI transaction is complete the LTM2893 is ready for an
additional conversion request on CNV.
CNV
BUSY
ADC CONVERSION TIMING DIAGRAM WITH SS AS CHIP SELECT LOGIC SIDE INTERFACE
SS
SCK
MISOA
D17
tDCNV + tCNV2toADCstart + tCNVADC + tBUSY2FBUSYF
tBUSYLH
D0
ADC CYCLE TIME
ADC ACQUISITION TIME
tQUIET
tDATAREAD
tSCKSSDIS
MISOB
MOSI
LTM2893-1
tBUSYFSCKR
tHDMOSI
2893 F09
tSUMOSI
tCNVH
tSSFSCK
tDMISOSSF
tDMISO
tHMISO
tSCKL
tSCKH
tSCK
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com