Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 2 Page - Linear Technology

  LTM2893 Datasheet HTML 1Page - Linear Technology LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM2893/LTM2893-1
2
28931fb
For more information www.linear.com/LTM2893
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VL to GND................................................ –0.3V to 6V
VCC to GND .............................................. –0.3V to 6V
Isolated Supply Voltages
VL2 to GND2 ............................................ –0.3V to 6V
VCC2 to GND2 .......................................... –0.3V to 6V
Logic Signals
ON, CNV, BUSY, SA, SB, SC,
SS, CSC, MISOA, MISOB,
SCK, MOSI........................... GND – 0.3V to VL + 0.3V
FAULT........................................... GND – 0.3V to 6.3V
Isolated Signals
MISOA2, MISOB2, ON2, BUSY2,
BUSYS, MOSI2, CNV2, SCK2, SS2,
SA2, SB2, SC2..................GND2 – 0.3V to VL2 + 0.3V
Operating Temperature Range (Note 11)
LTM2893C ............................................... 0°C to 70°C
LTM2893I ............................................–40°C to 85°C
LTM2893H......................................... –40°C to 125°C
Storage Temperature Range .............. –55°C to 125°C
Maximum Internal Operating Temperature ....... 125°C
Peak Solder Reflow Temperature......................260°C
(Note 1)
BGA PACKAGE
36-PIN (15mm × 6.25mm × 2.06mm)
TOP VIEW
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
CNV
FAULT
SC
SCK
CSC
SA
BUSY
SB
GND
MOSI
GND
MISOB
SS
GND
MISOA
ON
VCC
VL
SC2
BUSYS
CNV2
SA2
VL2
SCK2
SB2
BUSY2
GND2
GND2
MOSI2
MISOB2
GND2
SS2
MISOA2
VCC2
ON2
VL2
TJMAX = 125°C, θJA = 36°C/W, θJCTOP = 27.5°C/W, θJCBOTTOM = 17.5°C/W
θJB = 19.1°C/W, WEIGHT = 0.36g
ORDER INFORMATION
PART NUMBER
PACKAGE
TYPE
BALL FINISH
PART MARKING
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2893CY#PBF
BGA
SAC305 (RoHS)
LTM2893Y
e1
3
0°C to 70°C
LTM2893IY#PBF
–40°C to 85°C
LTM2893HY#PBF
–40°C to 125°C
LTM2893CY-1#PBF
BGA
SAC305 (RoHS)
LTM2893Y-1
e1
3
0°C to 70°C
LTM2893IY-1#PBF
–40°C to 85°C
LTM2893HY-1#PBF
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more information, go
to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2893#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com