Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 17Page - Linear Technology LTM2893 Datasheet HTML 18Page - Linear Technology LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM2893/LTM2893-1
21
28931fb
For more information www.linear.com/LTM2893
TIMING DIAGRAMS
SAMPLING RATE
Achieving a specified sampling rate is the typical goal for
systems integrating ADCs. The LTM2893 adds a small
amount of overhead to the sampling rate or ADC CYCLE
TIME. The selection of the SCK2 frequency and the master
SCK frequency will impact the overall time in-between
CNVs. The following is a description of each timing
characteristic to be calculated to achieve a sampling rate.
1. tDCNV: the delay from CNV to CNV2, maximum of 28ns,
is the delay before the ADC receives a conversion start
signal.
2. tCNV2toADCstart: the ADC aperture delay or the CNV to
BUSY delay of the ADC.
3. tCNVADC: the conversion time of the ADC, duration of
the ADC's BUSY signal.
4. tBUSY2FBUSYF: LTM2893 delay in buffering the first
2 bits from the ADC. tBUSY2FBUSYF = tBUSY2FSS2F +
tSS2FSCK2 + 1 • tSCK2. tSS2FSCK2 is 3 • tSCK2 when SCK2
frequency = 100MHz or 66MHz, 2 • tSCK2 when SCK2
frequency = 50MHz to 25MHz, or 1 • tSCK2 when SCK2
frequency is 12.5MHz or 6.25MHz.
5. tBUSYFSCKR:timebetweenthemasterresponsetoBUSY
falling and the first SCK rising edge. If SS is always low
reference Table 2. If SS is used, reference the timing
in Table 2 for BUSY falling to the SCK rising edge with
the additional requirement that a minimum time from
SS falling to SCK rising, tSSFSCK, is maintained.
6. tDATAREAD: ((WORD COUNT • WORDLENGTH)-1)/(SCK
frequency) is the time for the master to read the data
from the SPI port.
7. tSCKSSDIS:delayfromlastSCKrisingedgetotherelease
of SS, minimum of 20ns.
8. tCRC: 0ns if CRCENA = 0, 225ns if CRCENA=1.
9. tQUIET: space between the SS rising edge and the next
CNV rising edge, minimum of 20ns.
The minimum sampling time is the sum of these timing
characteristicsforaselectedSCK2frequencyandamaster
SCK frequency. The following equation defines this mini-
mum sample time (2893ADC CYCLE TIMEMIN), assuming
SCK frequency ≤ SCK2 frequency. Figure 9 shows the
relationship of these parameters to a conversion cycle.
2893ADC CYCLE TIMEMIN = tDCNV + tCNV2toADCstart + tC-
NVADC + tBUSY2FBUSYF + tBUSYFSCKR + tDATAREAD + tSCKSSDIS
+ tCRC + tQUIET
LOGIC INTERFACE
The LTM2893 logic side interface is similar to an ADC that
has a conversion start and busy control signals. Figure 9
showstheinteractionofcontrolsignalsCNV,BUSY,andthe
SPI serial interface. The CNV transition starts the process
and BUSY responds to indicate the ADC is converting a
result and masking the propagation delay of signals pro-
cessed through the isolation barrier. The BUSY signal is up
to 95ns longer than the ADC’s BUSY signal (when SCK2
Figure 8. Writing Configuration Registers Timing Diagram
CONFIGURING THE LTM2893 WITH CSC CHIP SELECT LOGIC SIDE INTERFACE
CSC
SCK
MOSI
AD7
D0
tSCK
tSCKH tSCKL
tCSCFSCK
AD7
D0
D6
D6
CNV = 0, SS = VL
SA, SB, SC STATIC
2893 F08
tSCKCSCDIS
tCSCSPACE
tDIS
tHDMOSI
tSUMOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com