Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 3 Page - Linear Technology

  LTM2893 Datasheet HTML 1Page - Linear Technology LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM2893/LTM2893-1
3
28931fb
For more information www.linear.com/LTM2893
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V, VCC2 = 5V, VL2 = 3.3V, GND2
= 0V unless otherwise noted. (Note 9)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VCC
Operating Supply Range
l
3.0
5.5
V
ICC
Operating Supply Current
Idle
l
9
12
mA
Operating Supply Current 1Msps, ADC
Conversion Rate
20pF Loads, SCK = 100MHz
l
12
15
mA
VCC2
Isolated Operating Supply Range
l
3.0
5.5
V
ICC2
Isolated Operating Supply Current
Idle
l
9
12
mA
Isolated Operating Supply Current, 1Msps ADC
Conversion Rate
20pF Loads, SCK2 = 100MHz
l
12
15
mA
VL
Logic Interface Supply Range
l
1.71
5.5
V
IL
Logic Interface Supply Current
Inputs and Outputs Static at GND or VL
l
±200
µA
Logic Interface Supply Current, 1Msps
Conversion Rate
SCK = 100MHz, 20pF Load
l
2
5
mA
VL2
Isolated Interface Supply Range
l
1.71
5.5
V
IL2
Isolated Interface Supply Current
Inputs and Outputs Static at GND2 or VL2
l
±200
µA
Isolated Interface Supply Current, 1Msps ADC
Conversion Rate
SCK2 = 100MHz, 20pF Load
l
2.5
5
mA
Digital Inputs and Digital Outputs (Logic Side)
VIH
High Level Input Voltage
1.71V ≤ VL ≤ 5.5V
l
0.8 • VL
V
VIL
Low Level Input Voltage
1.71V ≤ VL ≤ 5.5V
l
0.2 • VL
V
Digital Input Current (MOSI, SCK, CNV)
VIN = 0V to VL
l
±1
µA
Digital Input Current (SS, CSC, SA, SB, SC, ON) VIN = 0V to VL
l
±60
µA
Digital Input Capacitance
Note 2
5
pF
VOH
High Level Output Voltage
IOUT = –500µA, 1.71V ≤ VL ≤ 5.5V
l
VL – 0.2
V
VOL
Low Level Output Voltage
IOUT = 500µA, 1.71V ≤ VL ≤ 5.5V
l
0.2
V
IOZ
High-Z Output Leakage Current MISOA, MISOB SS = VL
l
±1
µA
Output Source Current (Short-Circuit)
VOUT = 0V (Note 2)
–80
mA
Output Sink Current (Short-Circuit)
VOUT = VL (Note 2)
80
mA
Digital Inputs and Digital Outputs (Isolated Side)
VIH
High Level Input Voltage
1.71V ≤ VL2 ≤ 5.5V
l
0.8 • VL2
V
VIL
Low Level Input Voltage
1.71V ≤ VL2 ≤ 5.5V
l
0.2 • VL2
V
Digital Input Current (ON2, BUSY2, BUSYS)
VIN = 0V to VL2, ON2 = VL2
l
±60
µA
Digital Input Current (MISOA2, MISOB2)
VIN = 0V to VL2
l
±10
µA
Digital Input Capacitance
Note 2
5
pF
VOH
High Level Output Voltage
IOUT = –500µA, 1.71V ≤ VL2 ≤ 5.5V
l
VL2 – 0.2
V
VOL
Low Level Output Voltage
IOUT = 500µA, 1.71V ≤ VL2 ≤ 5.5V
l
0.2
V
Output Source Current (Short-Circuit)
VOUT = 0V (Note 2)
–80
mA
Output Sink Current (Short-Circuit)
VOUT = VL2 (Note 2)
80
mA
ESD Performance (Note 7)
Isolation Barrier
Logic Side I/O Pins
Isolated Side I/O Pins
From GND, VL, or VCC to GND2, VL2, or VCC2
With Respect to GND, VL, or VCC
With Respect to GND2, VL2, or VCC2
±15
±4
±4
kV
kV
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com