Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2893 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 16Page - Linear Technology LTM2893 Datasheet HTML 17Page - Linear Technology LTM2893 Datasheet HTML 18Page - Linear Technology LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM2893/LTM2893-1
20
28931fb
For more information www.linear.com/LTM2893
CHAIN CONNECTING ADCs
Connecting multiple chain-capable ADCs is done with the
following guidelines. The ADC must have a chain-capable
SDI input. Set the ADC into a chain mode if necessary to
enable the passing of data through the SDI input to the
SDO output. Connect all the SCK clock signals in parallel
withastarconfigurationfromSCK2tominimizereflections
and path delays. Connect the CNV inputs from CNV2 in
a similar parallel star configuration. OR all BUSY signals
into the BUSY2 and BUSYS inputs. Pair the SDO outputs
to take advantage of the MISOA2 and MISOB2 data paths,
see Figure 6.
IntheConfigurationRegisters,selecttheappropriateword
length and device count. Select the appropriate SCK2
frequency for the chain mode. Some ADCs may require
a reduced SCK frequency in chain mode to account for
processingtheserialdatathroughtheirports.Setthedevice
count based on the word count; two chained devices will
require the word count to be two.
RF, Magnetic Field Immunity
TheisolatorµModuletechnologyusedwithintheLTM2893
hasbeenindependentlyevaluated,andsuccessfullypassed
the RF and magnetic field immunity testing requirements
per European Standard EN 55024, in accordance with the
following test standards:
EN 61000-4-3 Radiated, Radio-Frequency,
Electromagnetic Field Immunity
EN 61000-4-8 Power Frequency Magnetic Field
Immunity
EN 61000-4-9 Pulsed Magnetic Field Immunity
APPLICATIONS INFORMATION
Tests were performed using an un-shielded test card de-
signed per the data sheet PCB layout recommendations.
Specific limits per test are detailed in Table 8.
Table 8. Immunity Testing
TEST
FREQUENCY
FIELD STRENGTH
EN 61000-4-3 Annex D
80MHz to 1GHz
10V/m
1.4MHz to 2GHz
3V/m
2GHz to 2.7GHz
1V/m
EN 61000-4-8 Level 4
50Hz and 60Hz
30A/m
EN 61000-4-8 Level 5
60 Hz
100A/m*
EN 61000-4-9 Level 5
Pulse
1000A/m
*Non IEC method
PCB Layout
The high integration of the LTM2393 makes PCB layout
very simple. However, to maintain its electrical isolation
characteristics and signal integrity, some layout consid-
erations are necessary.
• Do not place copper on the PCB between the inner col-
umns of pads. This area must remain open to withstand
the rated isolation voltage.
• The edge rates of the ADC interface signals are between
300ps and 1ns. At these edge rates the routing must
be treated as a distributed transmission line for lengths
greater than 2cm, (length > tRISEFALL/(2 • 33.3√εr ).
Length is in units of cm and tRISEFALL is in units of ps.
εr is the relative dielectric constant of the circuit board
material, typically ~4.8. The isolated side pin-out is
organized for direct short connection to LTC2328,
LTC2338, and LTC2378 ADCs referenced in the typical
applications section. For longer lengths or branching
to multiple devices routing as a transmission line is
required.
Table 7. SPI Device Count or Word Count Selection Table (Configuration Register 1 Bits 4, 3)
NUMBER OF DEVICES
WORD COUNT
DEVICECOUNT1 (BIT 4)
DEVICECOUNT0 (BIT 3)
1-2
1
0
0
3-4
2
0
1
5-6
3
1
0
7-8
4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com