Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTM8055
7
8055fb
For more information www.linear.com/LTM8055
PIN FUNCTIONS
GND(Bank1,PinL1):TietheseGNDpinstoalocalground
plane below the LTM8055 and the circuit components.
In most applications, the bulk of the heat flow out of the
LTM8055 is through these pads, so the printed circuit
design has a large impact on the thermal performance of
the part. See the PCB Layout and Thermal Considerations
sections for more details. Return the RFB1/RFB2 feedback
divider to this net.
VOUT (Bank 2): Power Output Pins. Apply output filter
capacitors between these pins and GND pins.
VIN (Bank 3): Input Power. The VIN pin supplies current to
theLTM8055’sinternalpowerswitchesandtooneterminal
of the optional input current sense resistor. This pin must
be locally bypassed with an external, low ESR capacitor;
see Table 1 for recommended values.
IOUT (Pin D1): Output Current Sense. Tie this pin to the
output current sense resistor. The output average current
sense threshold is 58mV, so the LTM8055 will regulate
the output current to 58mV/RSENSE, where RSENSE is the
value of the output current sense resistor in ohms. The
load is powered through the sense resistor connected at
this pin. Tie this pin to VOUT if no output current sense
resistor is used. Keep this pin within ±0.5V of VOUT under
all conditions.
LL (Pin F1): Light Load Indicator. This open drain pin
indicates that the output current, as sensed through the
resistor connected between VOUT and IOUT, is approxi-
mately equivalent to 6mV or less. Its state is meaningful
only if a current sense resistor is applied between VOUT
and IOUT. This is useful to change the switching behavior
of the LTM8055 in light load conditions.
SVIN (Pins F10, F11): Controller Power Input. Apply a
separate voltage above 5V if the LTM8055 is required to
operate when the main power input (VIN) is below 5V.
Bypass these pins with a high quality, low ESR capacitor.
If a separate supply is not used, connect these pins to VIN.
CLKOUT (Pin G1): Clock Output. Use this pin as a clock
source when synchronizing other devices to the switch-
ing frequency of the LTM8055. When this function is not
used, leave this pin open.
MODE(PinG2):SwitchingModeInput.TheLTM8055oper-
ates in forced continuous mode when MODE is open, and
canoperateindiscontinuousswitchingmodewhenMODE
is low. In discontinuous switching mode, the LTM8055
will block reverse inductor current. This pin is normally
left open or tied to LL. This pin may be tied to GND for the
purpose of blocking reverse current if no output current
sense resistor is used.
RT(PinH1):TimingResistor.TheRTpinisusedtoprogram
the switching frequency of the LTM8055 by connecting a
resistor from this pin to ground. The range of oscillation is
100kHzto800kHz.TheApplicationsInformationsectionof
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
SYNC(PinH2):ExternalSynchronizationInput.TheSYNC
pin has an internal pull-down resistor. See the Synchroni-
zation section in Applications Information for details. Tie
this pin to GND when not used.
FB (Pin J1): Output Voltage Feedback. The LTM8055
regulates the FB pin to 1.2V. Connect the FB pin to a
resistive divider between the output and GND to set the
output voltage. See Table 1 for recommended FB divider
resistor values.
COMP (Pin J2): Compensation Pin. The LTM8055 is
equipped with internal compensation that works well with
most applications. In some cases, the performance of the
LTM8055 can be enhanced by modifying the control loop
compensation by applying a capacitor or RC network to
this pin.
SS (Pin K1): Soft-Start. Connect a capacitor from this pin
to GND to increase the soft-start time. Soft-start reduces
the input power source’s surge current by gradually in-
creasing the controller’s current limit. Larger values of the
soft-start capacitor result in longer soft-start times. If no
soft-start is required, leave this pin open.
CTL (Pin K2): Current Sense Adjustment. Apply a voltage
below 1.2V to reduce the current limit threshold of IOUT.
Drive CTL to less than 50mV to stop switching. The CTL
pin has an internal pull-up resistor to 2V. If not used,
leave open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com