Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM8055
10
8055fb
For more information www.linear.com/LTM8055
APPLICATIONS INFORMATION
For most applications, the design process is straight for-
ward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB1/RFB2 and RT
values.
3. Apply the output sense resistor to set the output current
limit. The output current is limited to 58mV/RSENSE,
where RSENSE is the value of the output current sense
resistor in ohms.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the rela-
tionship between the input and output voltage magnitude
and other factors. Please refer to the graphs in the Typical
Performance Characteristics section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8055 should be allowed to switch is given
in Table 1 in the fMAX column, while the recommended
frequency (and RT value) for optimal efficiency over the
given input condition is given in the fOPTIMAL column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Note that Table 1 calls out both ceramic and electrolytic
output capacitors. Both of the capacitors called out in
the table must be applied to the output. The electrolytic
capacitors in Table 1 are described by voltage rating,
value and ESR. The voltage rating of the capacitor may
be increased if the application requires a higher voltage
stress derating. The LTM8055 can tolerate variation
in the ESR; other capacitors with different ESR may
be used, but the user must verify proper operation
over line, load and environmental conditions. Table 2
gives the description and part numbers of electrolytic
capacitors used in the LTM8055 development testing and
design validation.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN RANGE
VOUT
CIN
COUT
RFB1/RFB2 fOPTIMAL (kHz) RT(OPTIMAL) fMAX (kHz) RT(MAX)
5V to 24V
3.3V 2 × 4.7µF, 50V, X5R, 0805 22µF, 6.3V, X5R, 0805
100µF, 6V, 75mΩ, Electrolytic
100k/56.2k
600
36.5k
800
24.9k
5V to 28V
5V 2 × 4.7µF, 50V, X5R, 0805 22µF, 6.3V, X5R, 0805
100µF, 6V, 75mΩ, Electrolytic
100k/31.6k
550
39.2k
800
24.9k
5V to 31V
8V 2 × 4.7µF, 50V, X5R, 0805 47µF, 10V, X5R, 1206
100µF, 16V, 100mΩ, Electrolytic
100k/17.4k
500
45.3k
800
24.9k
5V to 36V
12V 2 × 4.7µF, 50V, X5R, 1210 22µF, 25V, X5R, 0805
68µF, 16V, 200mΩ, Electrolytic
100k/11k
600
36.5k
800
24.9k
5V to 36V
18V 2 × 4.7µF, 50V, X7R, 1210 2 x 22µF, 25V, X5R, 1210
47µF, 25V, 900mΩ, Electrolytic
100k/6.98k
500
45.3k
800
24.9k
5V to 36V
24V 2 × 4.7µF, 50V, X7R, 1210 22µF, 25V, X5R, 1210
33µF, 35V 300mΩ, Electrolytic
100k/5.23k
650
31.6k
800
24.9k
5.5V to 36V
36V 2 × 4.7µF, 50V, X7R, 1210 10µF, 50V, X5R, 1206
10µF, 50V 120mΩ, Electrolytic
100k/3.40k
650
31.6k
800
24.9k
Notes: An input bulk capacitor is required. The output capacitance uses a combination of a ceramic and electrolytic in parallel. Other combinations of
resistor values for the RFB network are acceptable.
Table 2. Electrolytic Caps Used in LTM8055 Testing
DESCRIPTION
MANUFACTURER
PART NUMBER
100µF, 6V, 75mΩ, Tantalum C Case
AVX
TPSC107M006R0075
100µF, 16V, 100mΩ, Tantalum Y Case
AVX
TPSY107M016R0100
68µF, 16V, 200mΩ, Tantalum C Case
AVX
TPSC686M016R0200
47µF, 25V, 900mΩ, Tantalum D Case
AVX
TAJD476M025R
33µF, 35V, 300mΩ, Tantalum D Case
AVX
TPSD336M035R0300
10µF, 50V, 120mΩ, Aluminum 6.3 × 6mm case
Suncon
50HVP10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com