Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 2 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM8055
2
8055fb
For more information www.linear.com/LTM8055
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN, VOUT, RUN, IIN, IOUT Voltage.....................40V
FB, SYNC, CTL, MODE Voltage ...................................6V
IINMON, IOUTMON Voltage .............................................6V
LL Voltage.................................................................15V
Maximum Junction Temperature (Notes 2, 3)....... 125°C
Storage Temperature.............................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
BANK 2
VOUT
A
IOUT
LL
CLKOUT
RT FB SS
MODE SYNC
COMP
CTL
1
11
10
9
8
7
6
5
4
3
2
K
J
L
H
G
F
E
D
C
B
BGA PACKAGE
121-LEAD (15mm × 15mm × 4.92mm)
BANK 1
GND
BANK 3
VIN
TOP VIEW
SVIN
IIN
RUN
IINMON
IOUTMON
GND
TJMAX = 125°C, θJA = 17.1°C/W, θJCbottom = 7.8°C/W, θJCtop = 17.5°C/W, θJB = 7.1°C/W,
WEIGHT = 2.8g, θ VALUES DETERMINED PER JEDEC JESD51-9, 51-12
ORDER INFORMATION
PART NUMBER
TERMINAL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8055EY#PBF
SAC305 (RoHS)
LTM8055Y
e1
BGA
3
–40°C to 125°C
LTM8055IY#PBF
SAC305 (RoHS)
LTM8055Y
e1
BGA
3
–40°C to 125°C
LTM8055IY
SnPb(63/37)
LTM8055Y
e0
BGA
3
–40°C to 125°C
LTM8055MPY#PBF
SAC305 (RoHS)
LTM8055Y
e1
BGA
3
–55°C to 125°C
LTM8055MPY
SnPb(63/37)
LTM8055Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM8055#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com