Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology LTM4607 Datasheet HTML 24Page - Linear Technology LTM4607 Datasheet HTML 25Page - Linear Technology LTM4607 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTM8055
26
8055fb
For more information www.linear.com/LTM8055
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide/Demo Manual
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LINEAR TECHNOLOGY CORPORATION 2015
LT 0517 REV B • PRINTED IN USA
www.linear.com/LTM8055
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM4605
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 16V
LTM4607
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 24V
LTM4609
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 34V
LTM8045
Smaller, Lower Power
SEPIC and Inverting; 700mA, 6.25mm × 11.25mm × 4.92mm BGA
LTM8046
Isolated, Lower Power
Flyback Topology, 550mA (5VOUT, 24VIN), UL60950, 2kVAC
14.4V, 3A Lead-Acid Battery Charger Input Current Limited to 2.1A
Input Current vs Input Voltage,
IOUT = 3A
VIN SVIN
IIN
GND
LL MODE
LTM8055
IOUT
0.02
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
0.022
9.09k
100k
8055 TA07a
22µF
25V
47µF
25V
VOUT
14.4V
10µF
50V
VIN
3V TO 36V
36.5k
+
1µF
50V
fSW = 600kHz
INPUT VOLTAGE (V)
2.5
2.0
1.5
0.5
1.0
0
8055 TA07b
30
0
20
10
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com