Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTM8055
19
8055fb
For more information www.linear.com/LTM8055
TYPICAL APPLICATIONS
12VOUT Fan Power from 3VIN to 36VIN with Analog
Current Control and 2A Input Current Limiting
Maximum Output Current
vs CTL Voltage
Output Voltage vs Output Current
24VOUT from 7VIN to 36VIN with 2.1A Accurate Current Limit
VIN
SVIN
IIN
GND
MODE
LL
LTM8055
IOUT
0.027
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
COMP
SS
SYNC
CTL
RT
5.23k
8055 TA03a
22µF
25V
33µF
35V
VOUT
24V
10µF
50V
VIN
7V TO 36V
36.5k
fSW = 600kHz
100k
+
CTL VOLTAGE (V)
1.2
0.8
0.6
0.4
0.2
1.0
0
8055 TA02b
0.6
0.8
1
0
0.2
0.4
1.2
12VIN
VIN SVIN
IIN
GND
MODE
LL
FAN CONTROL
LTM8055
IOUT
0.05
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
COMP
SS
SYNC
CTL
RT
0.022
11.0k
100k
8055 TA02a
22µF
25V
VOUT
12V MAX
FAN
10µF
50V
VIN
3V TO 36V
1µF
50V
36.5k
fSW = 600kHz
0.2V TO 1.2V
CONTROL RANGE
DAC
68µF
25V
+
OUTPUT CURRENT (A)
25
15
10
5
20
0
8055 TA03b
1.5
2
0
0.5
1
2.5
12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com