Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4607
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTM8055
16
8055fb
For more information www.linear.com/LTM8055
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8055.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8055.
4. Minimize the trace resistance between the optional
outputcurrentsenseresistor,ROUT,andVOUT.Minimize
the loop area of the IOUT trace and the trace from VOUT
to ROUT.
5. Minimizethetraceresistancebetweentheoptionalinput
current sense resistor, RIN and VIN. Minimize the loop
area of the IIN trace and the trace from VIN to RIN.
6. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath
the LTM8055.
7. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8055.
8. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figure 6. The LTM8055 can benefit from
the heat sinking afforded by vias that connect to internal
GND planes at these locations, due to their proximity
to internal power handling components. The optimum
number of thermal vias depends upon the printed
circuit board design. For example, a board might use
very small via holes. It should employ more thermal
vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8055. However, these capacitors
can cause problems if the LTM8055 is plugged into a live
supply (see Linear Technology Application Note 88 for a
complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an underdamped tank circuit, and the volt-
age at the VIN pin of the LTM8055 can ring to more than
twice the nominal input voltage, possibly exceeding the
LTM8055’sratinganddamagingthepart.Iftheinputsupply
is poorly controlled or the LTM8055 is hot-plugged into an
energized supply, the input network should be designed
APPLICATIONS INFORMATION
Figure 6. Layout Showing Suggested External Components,
GND Plane and Thermal Vias
ROUT
OUTPUT
SENSE
VOUT SIGNAL VIA
GND
GND/THERMAL VIAS
GND
INPUT
RIN
INPUT
SENSE
8055 F06
COUT
VOUT
IOUT
VIN
CIN
SVIN
LL
RT
MODE SYNC
RUN
FB
IIN
IOUT
VOUT SIGNAL VIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com