Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM8056
7
8056fa
For more information www.linear.com/LTM8056
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Output Current vs CTL
Voltage DC2154A Demo Board,48VIN
Soft-Start Waveforms for Various
CSS Values 24VIN, 3A Resistive
Load, DC2154A Demo Board
Output Ripple, Stock DC2154A
Demo Board, 24VOUT
TA = 25°C, unless otherwise noted.
PIN FUNCTIONS
GND(Bank1,PinL1):TietheseGNDpinstoalocalground
plane below the LTM8056 and the circuit components.
In most applications, the bulk of the heat flow out of the
LTM8056 is through these pads, so the printed circuit
design has a large impact on the thermal performance of
the part. See the PCB Layout and Thermal Considerations
sections for more details. Return the RFB1/RFB2 feedback
divider to this net.
VOUT (Bank 2): Power Output Pins. Apply output filter
capacitors between these pins and GND pins.
VIN (Bank 3): Input Power. The VIN pin supplies current to
theLTM8056’sinternalpowerswitchesandtooneterminal
of the optional input current sense resistor. This pin must
be locally bypassed with an external, low ESR capacitor;
see Table 1 for recommended values.
IOUT (Pin D1): Output Current Sense. Tie this pin to the
output current sense resistor. The output average current
sense threshold is 58mV, so the LTM8056 will regulate
the output current to 58mV/RSENSE, where RSENSE is the
value of the output current sense resistor in ohms. The
load is powered through the sense resistor connected at
this pin. Tie this pin to VOUT if no output current sense
resistor is used. Keep this pin within ±0.5V of VOUT under
all conditions.
LL (Pin F1): Light Load Indicator. This open drain pin
indicates that the output current, as sensed through the
resistor connected between VOUT and IOUT, is approxi-
mately equivalent to 6mV or less. Its state is meaningful
only if a current sense resistor is applied between VOUT
and IOUT. This is useful to change the switching behavior
of the LTM8056 in light load conditions.
SVIN (Pins F10, F11): Controller Power Input. Apply a
separate voltage above 5V if the LTM8056 is required to
operate when the main power input (VIN) is below 5V.
Bypass these pins with a high quality, low ESR capacitor.
If a separate supply is not used, connect these pins to VIN.
CLKOUT (Pin G1): Clock Output. Use this pin as a clock
source when synchronizing other devices to the switch-
ing frequency of the LTM8056. When this function is not
used, leave this pin open.
MODE (Pin G2): Switching Mode Input. The LTM8056
operates in forced continuous mode when MODE is
open, and can operate in discontinuous switching mode
when MODE is low. In discontinuous switching mode,
the LTM8056 will block reverse inductor current. This pin
is normally left open or tied to LL. This pin may be tied
to GND for the purpose of blocking reverse current if no
output sense resistor is used.
CTL VOLTAGE (V)
4
3
2
1
0
8056 G28
1.4
0
0.4
0.7
1.1
VOUT
5V/DIV
8056 G29
500µs/DIV
CSS = 22nF
CSS = 100nF
CSS = 220nF
24VIN, 3A LOAD
(BUCK-B00ST),
100mV/DIV
48VIN, 3A LOAD
(Buck),
100mV/DIV
12VIN, 1.5A LOAD
(B00ST),
100mV/DIV
MEASURED ACROSS C17 ON DC2154A WITH HP461
AMPLIFIER, 150MHz BANDWIDTH
8056 G30
1µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com