Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 4 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM8056
4
8056fa
For more information www.linear.com/LTM8056
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
(12VOUT)
Efficiency vs Output Current
(18VOUT)
Efficiency vs Output Current
(24VOUT)
Efficiency vs Output Current
(36VOUT)
Efficiency vs Output Current
(48VOUT)
Input Current vs Output Current
(3.3VOUT)
Efficiency vs Output Current
(3.3VOUT)
Efficiency vs Output Current
(5VOUT)
Efficiency vs Output Current
(8VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
0
100
80
60
40
8056 G01
6
2
4
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
0
100
80
60
40
8056 G02
6
2
4
5VIN
12VIN
22VIN
OUTPUT CURRENT (A)
0
100
80
60
40
8056 G03
6
2
4
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
0
100
80
90
70
8056 G04
2
4
6
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0
100
90
80
70
8056 G05
2
4
6
6VIN
12VIN
24VIN
48VIN
OUTPUT CURRENT (A)
100
90
85
80
95
75
8056 G06
4
0
2
6
7VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
100
95
90
85
8056 G07
4
0
2
6
9VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
4
3
2
1
0
8056 G09
4
0
2
6
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
100
95
90
85
8056 G08
2
0
1
4
3
13VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com