Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology LTM4607 Datasheet HTML 24Page - Linear Technology LTM4607 Datasheet HTML 25Page - Linear Technology LTM4607 Datasheet HTML 26Page - Linear Technology LTM4607 Datasheet HTML 27Page - Linear Technology LTM4607 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM8056
28
8056fa
For more information www.linear.com/LTM8056
LINEAR TECHNOLOGY CORPORATION 2015
LT 1116 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM8056
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide/Demo Manual
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM8055
Higher Power, Pin Compatible
8.5A, 5V ≤ VIN ≤ 36V
LTM4605
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 16V
LTM4607
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 24V
LTM4609
Higher Power Buck-Boost (Up to 60W)
External Inductor, Synchronous Switching Buck-Boost; Up to 36VIN, 0.8V ≤ VOUT
≤ 34V
LTM8045
Smaller, Lower Power
SEPIC and Inverting; 700mA, 6.25mm × 11.25mm × 4.92mm BGA
LTM8046
Isolated, Lower Power
Flyback Topology, 550mA (5VOUT, 24VIN), UL60950, 2kVAC
RELATED PARTS
TYPICAL APPLICATION
14.4V, 3A Lead-Acid Battery Charger Input Current Limited to 2A
Maximum Input and Output Current
vs Input Voltage
VIN SVIN
IIN
GND
LL
MODE
LTM8056
IOUT
0.018
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
0.022
9.09k
100k
8056 TA07a
22µF
25V
47µF
25V
VOUT
14.4V
1µF
100V
2.2µF
100V
×3
VIN
3V TO 58V
31.6k
fSW = 650kHz
+
INPUT VOLTAGE (V)
OUTPUT
INPUT
0
3.5
2.0
2.5
3.0
1.5
1.0
0.5
0
3.5
2.0
2.5
3.0
1.5
1.0
0.5
0
8056 TA07b
60
20
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com