Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM8056
16
8056fa
For more information www.linear.com/LTM8056
the LTM8056 delivers. In cases where the LTM8056 is
the largest or only power converter, this may not be true
and some means may need to be devised to prevent the
LTM8056’s input from rising too high. Figure 5a shows a
passive crowbar circuit that will dissipate energy during
momentaryinputovervoltageconditions.Thebreak-down
voltage of the Zener diode is chosen in conjunction with
the resistor R to set the circuit’s trip point. The trip point
is typically set well above the maximum VIN voltage under
normal operating conditions. This circuit does not have
a precision threshold, and is subject to both part-to-part
and temperature variations, so it is most suitable for ap-
plications where the maximum input voltage is much less
than the 60VIN absolute maximum. As stated earlier, this
type of circuit is best suited for momentary overvoltages.
Figure 5a is a crowbar circuit, which attempts to prevent
the input voltage from rising above some level by dumping
energy to GND through a power device. In some cases,
it is possible to simply turn off the LTM8056 when the
input voltage exceeds some threshold. An example of this
circuit is shown in Figure 5b. When the power source on
the output drives VIN above a predetermined threshold,
the comparator pulls down on the RUN pin and stops
switching in the LTM8056. When this happens, the input
capacitance needs to absorb the energy stored within the
LTM8056’s internal inductor, resulting in an additional
voltage rise. This voltage rise depends upon the input
capacitor size and how much current is flowing from the
LTM8056 output to input.
Switching Mode
TheMODEpinallowstheusertoselecteitherdiscontinuous
mode or forced continuous mode switching operation. In
forcedcontinuousmode,theLTM8056willnotskipcycles,
evenwhentheinternalinductorcurrentfallstozerooreven
reverses direction. This has the advantage of operating at
the same fixed frequency for all load conditions, which can
be useful when designing to EMI or output noise speci-
fications. Forced continuous mode, however, uses more
current at light loads, and allows current to flow from the
load back into the input if the output is raised above the
regulation point. This reverse current can raise the input
voltage and be hazardous if the input is allowed to rise
uncontrollably. Please refer to Input Precautions in this
section for a discussion of this behavior.
Forced continuous operation may provide improved
output regulation when the LTM8056 transitions from
buck, buck-boost or boost operating modes, especially at
lighter loads. In such a case, it can be desirable to oper-
ate in forced continuous mode except when the internal
inductor current is about to reverse. If so, apply a current
sense resistor between VOUT and IOUT and tie the LL and
MODE pins together. The LL pin is low when the current
through the output sense resistor is about one-tenth the
full-scale maximum. When the output current falls to this
level, the LL pin will pull the MODE pin down, putting the
LTM8056 in discontinuous mode, preventing reverse cur-
rent from flowing from the output to the input. In the case
APPLICATIONS INFORMATION
VIN
ZENER
DIODE
R
Q
8056 F05a
LTM8056
LOAD
CURRENT
GND
VOUT
SOURCING
LOAD
VIN
RUN
8056 F05b
10µF
LTM8056
LOAD
CURRENT
GND
VOUT
SOURCING
LOAD
EXTERNAL
REFERENCE
VOLTAGE
+
–
Figure 5a. The MOSFET Q Dissipates Momentary Energy to
GND. The Zener Diode and Resistor Are Chosen to Ensure That
the MOSFET Turns On Above the Maximum VIN Voltage Under
Normal Operation
Figure 5b. This Comparator Circuit Turns Off the LTM8056 if
the Input Rises Above a Predetermined Threshold. When the
LTM8056 Turns Off, the Energy Stored in the Internal Inductor
Will Raise VIN a Small Amount Above the Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com