Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM8056
15
8056fa
For more information www.linear.com/LTM8056
current limit. If this function is not used, leave CTL open.
Drive CTL to less than about 50mV to stop switching. The
CTL pin has an internal pull-up resistor to 2V.
Input Current Limit (IIN)
SomeapplicationsrequirethattheLTM8056drawnomore
than some predetermined current from the power source.
Current limited power sources and power sharing are two
examples.TheLTM8056featuresanaccurateinputcurrent
limit set by an external sense resistor placed between IIN
and VINasshowninFigure4.VINandIINinternallyconnect
to a differential amplifier that limits the current when the
voltage IIN-VIN reaches 50mV. The current limit is:
IIN(LIM) =
50mV
RSENSE
where RSENSE is the value of the sense resistor in ohms.
If input current limiting is not required, simply tie IINtoVIN.
Synchronization
TheLTM8056switchingfrequencycanbesynchronizedto
an external clock using the SYNC pin. Driving SYNC with
a 50% duty cycle waveform is a good choice, otherwise
maintainthedutycyclebetweenabout10%and90%.When
synchronizing, a valid resistor value (that is, a value that
results in a free-running frequency of 100kHz to 800kHz)
must be connected from RT to GND.
While an RT resistor is required for proper operation, the
value of this resistor is independent of the frequency of
the externally applied SYNC signal. Be aware, however,
that the LTM8056 will switch at the frequency prescribed
by the RT value if the SYNC signal terminates, so choose
an appropriate resistor value.
CLKOUT
The CLKOUT signal reflects the internal switching clock of
theLTM8056.Itisphaseshiftedbyapproximately180°with
respect to the leading edge of the internal clock. If CLKOUT
is connected to the SYNC input of another LTM8056, the
two devices will switch about 180° out of phase.
Input Precaution
In applications where the output voltage is deliberately
pulled up above the set regulation voltage or the FB pin is
abruptlydriventoanewvoltage,theLTM8056mayattempt
to regulate the voltage by removing energy from the load
for a short period of time after the output is pulled up.
Since the LTM8056 is a synchronous switching converter,
it delivers this energy to the input. If there is nothing on the
LTM8056 input to consume this energy, the input voltage
may rise. If the input voltage rises without intervention, it
may rise above the absolute maximum rating, damaging
the part. Carefully examine the input voltage behavior to
see if the application causes it to rise.
In many cases, the system load on the LTM8056 input
bus will be sufficient to absorb the energy delivered by the
μModule regulator. The power required by other devices
will consume more than enough to make up for what
APPLICATIONS INFORMATION
Figure 4. Set the LTM8056 Input Current Limit with an External
Sense Resistor
IIN
LTM8056
RSENSE
VIN
POWER
SOURCE
8056 F04
Input Current Monitor (IINMON)
The IINMON pin produces a voltage equal to approximately
20 times the voltage of IIN-VIN. Since the LTM8056 input
current limit engages when IIN-VIN = 50mV, IINMON will
be 1V at maximum input current.
Output Current Monitor (IOUTMON)
The IOUTMON pin produces a voltage proportional to the
voltage of VOUT-IOUT. Since the LTM8056 output current
limit engages when VOUT-IOUT = 58mV, IOUTMON will be
1.2V at maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com