Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4607
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 1 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8056
1
8056fa
For more information www.linear.com/LTM8056
TYPICAL APPLICATION
FEATURES
DESCRIPTION
58VIN, 48VOUT Buck-Boost
µModule Regulator
The LTM®8056 is a 58VIN, buck-boost µModule®
(micromodule) regulator. Included in the package are the
switchingcontroller,powerswitches,inductorandsupport
components. A resistor to set the switching frequency, a
resistor divider to set the output voltage, and input and
output capacitors are all that are needed to complete the
design. Other features such as input and output average
current regulation may be implemented with just a few
components. The LTM8056 operates over an input volt-
age range of 5V to 58V, and can regulate output voltages
between 1.2V and 48V. The SYNC input and CLKOUT
output allow easy synchronization.
The LTM8056 is housed in a compact overmolded ball
gridarray(BGA)packagesuitableforautomatedassembly
by standard surface mount equipment. The LTM8056 is
available with SnPB or RoHS compliant terminal finish.
Buck-Boost Selection Table
LTM8054
LTM8055
LTM8056
VIN (Operation)
36
36
58
VIN Abs Max
40
40
60
VOUT Abs Max
40
40
60
IOUT (Peak)
24VIN, 12VOUT
5.4
8.5
5.5
Package
15 × 11.25mm ×
3.42mm BGA
15 × 15mm × 4.92mm BGA
Pin and Function Compatible
24VOUT from 7VIN to 58VIN Buck-Boost Regulator
APPLICATIONS
n
Complete Buck-Boost Switch Mode Power Supply
n
Wide Input Voltage Range: 5V to 58V
n
12V/1.7A Output from 6VIN
n
12V/3.4A Output from 12VIN
n
12V/5.4A Output from 24VIN
n
Up to 96% Efficient
n
Adjustable Input and Output Average Current Limits
n
Input and Output Current Monitors
n
Parallelable for Increased Output Current
n
Wide Output Voltage Range: 1.2V to 48V
n
Selectable Switching Frequency: 100kHz to 800kHz
n
Synchronization from 200kHz to 700kHz
n
15mm × 15mm × 4.92mm BGA Package
n
High Power Battery-Operated Devices
n
Industrial Control
n
Solar Powered Voltage Regulator
n
Solar Powered Battery Charging
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule and Burst Mode are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
Max Output Current and Efficiency vs VIN
VIN
SVIN
IIN
LTM8056
IOUT
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
5.23k
8056 TA01a
22µF
25V
33µF
35V
VOUT
24V
2.2µF
100V
×3
VIN
7V TO 58V
43.2k
fSW = 525kHz
100k
GND
MODE
LL
VIN (V)
0
95
93
92
94
91
90
7
6
4
2
5
3
1
0
8056 TA01b
50
20
30
10
40
EFFICIENCY
MAX OUTPUT CURRENT


Similar Part No. - LTM4607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
267Kb / 32P
關Module Boost LED Driver and Current Source
LTM4607 LINER-LTM4607 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4607 LINER-LTM4607 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4607 LINER-LTM4607 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results

Similar Description - LTM4607

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
58VIN, 48VOUT Buck-Boost Module Regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com