Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LT3045-1
14
30451fa
For more information www.linear.com/LT3045-1
PIN FUNCTIONS
GND (Pin 9, Exposed Pad Pin 13): Ground. The exposed
backside is an electrical connection to GND. To ensure
proper electrical and thermal performance, solder the
exposed backside to the PCB ground and tie it directly
to the GND pin.
OUTS (Pin 10): Output Sense. This pin is the noninvert-
ing input to the error amplifier. For optimal transient
performance and load regulation, Kelvin connect OUTS
directly to the output capacitor and the load. Also, tie the
GND connections of the output capacitor and the SET pin
capacitor directly together. A parasitic substrate diode
exists between OUTS and GND pins of the LT3045-1; do
not drive OUTS more than 0.3V below GND during normal
operation or during a fault condition.
OUT (Pins 11, 12): Output. These pins supply power to the
load. For stability, use a minimum 10µF output capacitor
with an ESR below 20mΩ and an ESL below 2nH. Large
load transients require larger output capacitance to limit
peak voltage transients. Refer to the Applications Informa-
tion section for more information on output capacitance. A
parasiticsubstratediodeexistsbetweenOUTandGNDpins
of the LT3045-1; do not drive OUT more than 0.3V below
GND during normal operation or during a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com