Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 2 Page - Linear Technology

  LT3045 Datasheet HTML 1Page - Linear Technology LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3045-1
2
30451fa
For more information www.linear.com/LT3045-1
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±22V
VIOC Pin Voltage (Note 10)..............................–0.3V, 4V
EN/UV Pin Voltage ..................................................±22V
IN-to-EN/UV Differential..........................................±22V
PG Pin Voltage (Note 10) ...............................–0.3V, 22V
ILIM Pin Voltage (Note 10)...............................–0.3V, 1V
PGFB Pin Voltage (Note 10) ...........................–0.3V, 22V
SET Pin Voltage (Note 10)..............................–0.3V, 16V
SET Pin Current (Note 7) .................................... ±20mA
OUTS Pin Voltage (Note 10)...........................–0.3V, 16V
OUTS Pin Current (Note 7) ................................. ±20mA
(Note 1)
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
OUT
OUT
OUTS
GND
SET
PGFB
IN
IN
VIOC
EN/UV
PG
ILIM 6
7
13
GND
TJMAX = 150°C, θJA = 34°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
IN
IN
VIOC
EN/UV
PG
ILIM
12
11
10
9
8
7
OUT
OUT
OUTS
GND
SET
PGFB
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
GND
TJMAX = 150°C, θJA = 33°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3045EDD-1#PBF
LT3045EDD-1#TRPBF
LHBR
12-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3045IDD-1#PBF
LT3045IDD-1#TRPBF
LHBR
12-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3045EMSE-1#PBF
LT3045EMSE-1#TRPBF
30451
12-Lead Plastic MSOP
–40°C to 125°C
LT3045IMSE-1#PBF
LT3045IMSE-1#TRPBF
30451
12-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
LT3045 Options
PART NUMBER
VIOC FUNCTION
LT3045-1
Yes
LT3045
No
OUT Pin Voltage (Note 10) .............................–0.3V, 16V
OUT-to-OUTS Differential (Note 14)....................... ±1.2V
IN-to-OUT Differential.............................................±22V
IN-to-OUTS Differential...........................................±22V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Note 9)
E-Grade, I-Grade............................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
MSE Package ...................................................300°C
http://www.linear.com/product/LT3045-1#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com