Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LT3045-1
19
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
a ceramic output capacitor. Similarly, due to LT3045-1’s
ultrahigh PSRR, negligible output noise is generated
using a ceramic input capacitor. Nonetheless, given the
high SET pin impedance, any piezoelectric response
from a ceramic SET pin capacitor generates significant
output noise – peak-to-peak excursions of hundreds of
µVs. However, due to the SET pin capacitor’s high ESR
and ESL tolerance, any non-piezoelectrically responsive
(tantalum, electrolytic, or film) capacitor can be used at
the SET pin – although electrolytic capacitors tend to
have high 1/f noise. In any case, use of a surface mount
capacitor is highly recommended.
Stability and Input Capacitance
TheLT3045-1isstablewithaminimum4.7µFINpincapaci-
tor. LTC recommends using low ESR ceramic capacitors.
In cases where long wires connect the power supply to
the LT3045-1’s input and ground terminals, the use of low
value input capacitors combined with a large load current
canresultininstability.TheresonantLCtankcircuitformed
by the wire inductance and the input capacitor is the cause
and not because of LT3045-1’s instability.
The self-inductance, or isolated inductance, of a wire
is directly proportional to its length. The wire diameter,
however, has less influence on its self-inductance. For
example, the self-inductance of a 2-AWG isolated wire
with a diameter of 0.26" is about half the inductance of a
30-AWG wire with a diameter of 0.01". One foot of 30-AWG
wire has 465nH of self-inductance.
Several methods exist to reduce a wire’s self-inductance.
One method divides the current flowing towards the
LT3045-1 between two parallel conductors. In this case,
placing the wires further apart reduces the inductance; up
to a 50% reduction when placed only a few inches apart.
Splitting the wires connect two equal inductors in parallel.
However, when placed in close proximity to each other,
their mutual inductance adds to the overall self inductance
of the wires — therefore a 50% reduction is not possible
in such cases. The second and more effective technique
to reduce the overall inductance is to place the forward
and return current conductors (the input and ground
wires) in close proximity. Two 30-AWG wires separated
by 0.02" reduce the overall inductance to about one-fifth
of a single wire.
IfabatterymountedincloseproximitypowerstheLT3045-
1, a 4.7µF input capacitor suffices for stability. However,
if a distantly located supply powers the LT3045-1, use a
larger value input capacitor. Use a rough guideline of 1µF
(in addition to the 4.7µF minimum) per 6" of wire length.
The minimum input capacitance needed to stabilize the
application also varies with the output capacitance as
well as the load current. Placing additional capacitance
on the LT3045-1’s output helps. However, this requires
significantlymorecapacitancecomparedtoadditionalinput
bypassing. Series resistance between the supply and the
LT3045-1 input also helps stabilize the application; as little
as 0.1Ω to 0.5Ω suffices. This impedance dampens the
LC tank circuit at the expense of dropout voltage. A better
alternative is to use a higher ESR tantalum or electrolytic
capacitor at the LT3045-1 input in parallel with a 4.7µF
ceramic capacitor.
PSRR and Input Capacitance
For applications utilizing the LT3045-1 for post-regulating
switching converters, placing a capacitor directly at the
LT3045-1 input results in AC current (at the switching
frequency) to flow near the LT3045-1. This relatively high-
frequency switching current generates a magnetic field
that couples to the LT3045-1 output, thereby degrading its
effective PSRR. While highly dependent on the PCB, the
switching pre-regulator, the input capacitance, amongst
other factors, the PSRR degradation can be easily over
30dB at 1MHz. This degradation is present even if the
LT3045-1 is de-soldered from the board, because it ef-
fectively degrades the PSRR of the PC board itself. While
negligible for conventional low PSRR LDOs, LT3045-1’s
ultrahigh PSRR requires careful attention to higher order
parasitics in order to extract the full performance offered
by the regulator.
To mitigate the flow of high-frequency switching current
near the LT3045-1, the LT3045-1 input capacitor can be
entirely removed -- as long as the switching converter’s
output capacitor is located more than an inch away from
the LT3045-1. Magnetic coupling rapidly decreases with
increasing distance. Nonetheless, if the switching pre-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com