Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LT3045-1
18
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
Give extra consideration to the type of ceramic capacitors
used. They are manufactured with a variety of dielectrics,
eachwithdifferentbehavioracrosstemperatureandapplied
voltage. The most common dielectrics used are specified
with EIA temperature characteristic codes of Z5U, Y5V,
X5R and X7R. The Z5U and Y5V dielectrics are good for
providing high capacitance in the small packages, but they
tendtohavestrongervoltageandtemperaturecoefficients
as shown in Figure 4 and Figure 5. When used with a 5V
regulator,a16V10µFY5Vcapacitorcanexhibitaneffective
value as low as 1µF to 2µF for the DC bias voltage applied
over the operating temperature range.
X5R and X7R dielectrics result in more stable character-
istics and are thus more suitable for LT3045-1. The X7R
dielectric has better stability across temperature, while the
X5R is less expensive and is available in higher values.
Nonetheless, care must still be exercised when using
X5R and X7R capacitors. The X5R and X7R codes only
specify operating temperature range and the maximum
capacitance change over temperature. While capacitance
change due to DC bias for X5R and X7R is better than
Y5V and Z5U dielectrics, it can still be significant enough
to drop capacitance below sufficient levels. As shown in
Figure 6, capacitor DC bias characteristics tend to improve
as component case size increases, but verification of
expected capacitance at the operating voltage is highly
recommended.Duetoitsgoodvoltagecoefficientinsmall
case sizes, LTC recommends using Murata’s GJ8 series
ceramic capacitors.
High Vibration Environments
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltageacrossitsterminalsduetomechanicalstressupon
it, similar to how a piezoelectric microphone works. For a
ceramiccapacitor,thisstresscanbeinducedbymechanical
vibrations within the system or due to thermal transients.
LT3045-1 applications in high vibration environments
have three distinct piezoelectric noise generators: ceramic
output, input, and SET pin capacitors. However, due to
LT3045-1’s very low output impedance over a wide fre-
quency range, negligible output noise is generated using
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics
Figure 6. Capacitor Voltage Coefficient for Different Case Sizes
DC BIAS VOLTAGE (V)
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
0
–100
–80
6
4
2
8
10
12
30451 F04
14
0
20
–60
–40
X5R
Y5V
–20
16
TEMPERATURE (°C)
–50
–100
–80
25
0
–25
50
75
100
30451 F05
0
20
40
–60
–40
Y5V
–20
125
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
X5R
DC BIAS (V)
1
–100
–80
–60
–40
–20
0
20
5
10
15
20
30451 F06
25
GRM SERIES, 0805, 1.45mm THICK
GRM SERIES, 1206, 1.8mm THICK
GRM SERIES, 1210, 2.2mm THICK
GJ8 SERIES, 1206, 1.9mm THICK
MURATA: 25V,10%,
X7R/X5R, 10µF CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com