Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LT3045-1
24
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
plication needs (PSRR vs. power dissipation) using the
following equation:
VLDOIN – VLDOOUT = VVIOC = VFBSWITCHER •
R1+R2
R1
Furthermore, in the event the LT3045-1 SET pin opens up,
the LT3045-1 input voltage can rise up to the switcher’s
input voltage, and thus potentially violate the LT3045-1’s
absolute maximum rating. To prevent this, the maximum
LT3045-1 input voltage can be set using a resistor (R3)
between the VIOC and IN pins of the regulator such that:
V(MAX)LDOIN = VFBSWITCHER •
R1+R2+R3
R1
+ISINK •R3
Moreover, the VIOC pin is capable of sourcing 200µA
and sinking 15µA of current. To mitigate the effect of the
sink current on the maximum LDO input voltage (shown
above), choose R1 such that the resistor divider typically
runs at least 100µA.
For VOUT > 1.5V, VIN = VOUT + VVIOC. The VIOC pin volt-
age (and hence the input-to-output differential) can be
programmed anywhere between a minimum of 1V and
a maximum of 4V or VOUT  –  0.5V (for VOUT  >  1.5V),
whichever is lower. For applications where the feedback
pin of the switching regulator is below 1V, use resistors
R1 and R2 to make sure the VIOC pin is within the afore-
mentioned range. Note that the VIOC pin voltage cannot
beprogrammedbelowtheupstreamswitchingconverter’s
feedback pin. For VOUT ≤ 1.5V, the VIOC programming
range is 1V ±5%. If VIOC is set to be outside this range,
then the LT3045-1 input voltage will rise to the maximum
value set using R3. If VIOC functionality is not used, float
the VIOC pin.
Given the maximum VIOC programming voltage is de-
pendent on VOUT, care must be taken in setting the VIOC
voltage. For instance, if VIOC is set to 1V, the LDO’s IN-
to-OUT differential will be regulated to 1V for VOUT > 1.5V.
Similarly, if VIOC is set to 2V, the regulator’s IN-to-OUT
differential will be regulated to 2V for VOUT > 2.5V (i.e.
VVIOC + 0.5V). However, if the output voltage is below
2.5V, for this example, then the LDO will not be able to
drive its VIOC pin to the right level of 2V. As a result, the
upstream pre-regulator’s output will rise, thereby caus-
ing the LT3045-1 input voltage to rise to the maximum
voltage set using R3. Hence, for protection under various
fault conditions, the use of R3 to set the maximum VIN
voltage (below 20V) is required.
Typical VIOC Application
Figure 11 shows a typical VIOC application used to post-
regulatetheoutputoftheLT8608buckconverter.TheVIOC
voltage is set at 1V with the maximum LDO input voltage
set to 16.5V. Figure 12 shows the LDO’s input and output
voltage when pulsing the LT3045-1’s EN/UV pin, and as
Figure 11. Typical LT3045-1 Post-Regulating Application
100µA
IN
EN/UV
PGFB
VIOC
GND
OUT
LT3045-1
ILIM
PG
10µF
47µF
VIN
20V
4.7µF
VOUT: VARIABLE
IOUT(MAX): 500mA
30451 F11
249
140k
SET
OUTS
LT8608
BST
SW
PG
FB
IN
EN/UV
TR/SS
MODE
RT
INTVCC
7.68k
40.2k
2.2µH
2.21k
GND
10nF
1µF
0.22µF
fSW = 1MHz
L: XFL4020-222MEC
VLDOIN – VLDOUT = 1V
VMAXLDOIN = 16.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com