Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 36 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology LT3045 Datasheet HTML 30Page - Linear Technology LT3045 Datasheet HTML 31Page - Linear Technology LT3045 Datasheet HTML 32Page - Linear Technology LT3045 Datasheet HTML 33Page - Linear Technology LT3045 Datasheet HTML 34Page - Linear Technology LT3045 Datasheet HTML 35Page - Linear Technology LT3045 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LT3045-1
36
30451fa
For more information www.linear.com/LT3045-1
LT 0917 REV A • PRINTED IN USA
LINEAR TECHNOLOGY CORPORATION 2017
www.linear.com/LT3045-1
RELATED PARTS
TYPICAL APPLICATION
100µA
IN
EN/UV
PGFB
GND
OUT
LT3045-1
ILIM
PG
10µF
20m
VOUT: VARIABLE
IOUT(MAX): 1A
30451 TA13
SET
OUTS
100µA
IN
EN/UV
PGFB
GND
OUT
LT3045-1
VIOC
VIOC
ILIM
PG
10µF
20m
VIN
SET
OUTS
0.47µF
R3
R1
R2
UPSTREAM
DC/DC CONVERTER
SW
IN
FB
Parallel Devices
PART NUMBER DESCRIPTION
COMMENTS
LT1761
100mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20µVRMS, VIN = 1.8V to 20V,
TSOT-23 Package
LT1763
500mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V,
4mm × 3mm DFN and SO-8 Packages
LT3042
200mA, Ultralow Noise and Ultrahigh PSRR LDO
0.8μVRMS Noise and 79dB PSRR at 1MHz, VIN = 1.8V to 20V, 350mV
Dropout Voltage, Programmable Current Limit and Power Good,
3mm × 3mm DFN and MSOP Packages
LT3045
500mA, Ultralow Noise and Ultrahigh PSRR LDO
0.8μVRMS Noise and 76dB PSRR at 1MHz, VIN = 1.8V to 20V, 260mV
Dropout Voltage, Programmable Current Limit and Power Good,
3mm × 3mm DFN and MSOP Packages
LT3065
500mA Low Noise LDO with Soft-Start
300mV Dropout Voltage, Low Noise: 25μVRMS, VIN = 1.8V to 45V,
3mm × 3mm DFN and MSOP Packages
LT3080
1.1A, Parallelable, Low Noise, Low Dropout Linear Regulator 300mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS,
VIN: 1.2V to 36V, VOUT: 0V to 35.7V, Current-Based Reference with
1-Resistor VOUT Set; Directly Parallelable (No Op Amp Required),
Stable with Ceramic Capacitors; TO-220, DD-Pak, SOT-223, MSOP
and 3mm × 3mm DFN-8 Packages; LT3080-1 Version Has Integrated
Internal Ballast Resistor
LT3085
500mA, Parallelable, Low Noise, Low Dropout Linear
Regulator
275mV Dropout (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V
to 36V, VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor
VOUT Set, Directly Parallelable (No Op Amp Required), Stable with
Ceramic Capacitors; MS8E and 2mm × 3mm DFN-6 Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com