Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPX2001 Datasheet HTML 1Page - Monolithic Power Systems MPX2001 Datasheet HTML 2Page - Monolithic Power Systems MPX2001 Datasheet HTML 3Page - Monolithic Power Systems MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UNIVERSAL INPUT, 12V/5A ADAPTER EVALUATION BOARD
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
3
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PVB
3
PDrv
6
IS
19
SVB
13
CP
16
Vcc
5
SGND
20
CS
4
PGND
2
SGND
14
COMP
15
EBO
8
VDD
17
PEP
1
PGND
7
FB
18
MPX2001
HV
10
SDrv
12
SRD
11
U1
FR107
D1
PGND
PGND
L
N
22uF/50V
C5
Np:Np_au:Ns=42:6:5
Lp=0.75mH
Np
Ns
Np_au
2.2nF/250V
C8
BAV21W
D3
10/1206
R15A
200V/0.2A
1000V/1A
PQ2625
12V/5A
10
6
3
1
5
4
T1
499K/1206
R6
1uF
C14
1nF/630V
C2
0.1u/50V
C3
1.0/1206
R12
PGND
PGND
1/1206/1%
R7
0.75/1206/1%
R4
PGND
10pF
C4
PGND
NTC
R13
1nF
C6
HV
EBO
5.1M/1206
R3
5.1M/1206
R2
100K/1%
R1
PGND
EBO
SGND
SGND
4.7uF
C13
SGND
20K/1%
R21
220K/1%
R20
SGND
SGND
1nF
C7
1K/1%
R10
NC
C11
SGND
SDrv
SDrv
PGND
1.0nF/250V
CY1
SGND
SRD
0
R19
10K
R8
10K
R17
D2
D4
47/1206
R5
BD1
GBU406
220nF
CX1
120uF
C1
1/1206/1%
R9
1
Q1
650V/39A
Q2
FDPF045N10A
100V
IS
499K/1206
R24
PGND
Q3
NC
R23
20/1206
R11
20/1206
R16
1k
R14
2.2uF
C15
2.2uF
C16
680pF
C9
820uF
C10
820uF
C12
D5
499K/1%
R18
100pF
C17
10/1206
R15B
2.2M
RX1
2.2M
RX2
6m/1%
R22
VOUT
GND
Figure 1
—Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com