Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPX2001 Datasheet HTML 1Page - Monolithic Power Systems MPX2001 Datasheet HTML 2Page - Monolithic Power Systems MPX2001 Datasheet HTML 3Page - Monolithic Power Systems MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EVX2001-Y-00B
90VAC~265VAC/50Hz/60Hz, 12V/5A
Evaluation Board
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
1
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The EVX2001-Y-00B Evaluation Board is mainly
designed to demonstrate the capabilities of MPS
highly
integrated
controller
MPX2001.
The
MPX2001 is an all-in-one flyback controller aims
at high-performance and high-integration solution.
It combines the primary side driver, secondary
side controller and synchronous rectifier (SR)
driver in one chip. So the opto-coupler and
TL431 can be removed from the secondary side
and SR can be turned off on time without any
shoot through risk.
The EVX2001-Y-00B is typically designed for a
general adapter. Its specification is listed in the
below table.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
90 to 265
VAC
Output Voltage
VOUT
12
V
Output Current
IOUT
5
A
Output Power
POUT
60
W
Efficiency (4 Point
Average)
η
≥91
%
The EVX2001-Y-00B has excellent efficiency,
which can meet CoC V5 and DoE Level Ⅵ
requirement easily. It meets IEC61000-4-5 surge
immunity
and
EN55022
conducted
EMI
requirements. It has multi-protection function,
e.g., Brown In/Out, over load protection, over
voltage protection, short-circuit protection, cycle
by cycle current limit and over-temperature
protection, etc.
FEATURES
3.5kVrms primary side to secondary side
isolation
700V integrated HV current source
200V integrated SR controller, supporting
both DCM and CCM operation
Precise constant voltage (CV), ±5% CV
including transient response
Extremely low operating current in standby
mode
Frequency modulation and peak current
mode control, with slope compensation, line
compensation and leading edge blanking
Adjustable cable drop compensation
Advanced
protections,
including
primary
sensed output Over Voltage Protection
(OVP) and Primary Over Current Protection
(POCP), real secondary sensed output Over
Load Protection (OLP), Brown-in/Brown-out
(B/O, B/I), Short Circuit Protection (SCP),
Current-Sensing Short Protection (SSP),
internal Thermal Shut Down (TSD), Under
Voltage Locked-Out (UVLO), and External
triggered Protection (Ext.P)
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and
“The Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MPX2001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPX2001 MPS-MPX2001 Datasheet
1Mb / 31P
All-in-One Flyback Controller with Integrated Primary and Secondary Synchronous Rectification Driver with Capacitive Isolation
MPX2001GY MPS-MPX2001GY Datasheet
1Mb / 31P
All-in-One Flyback Controller with Integrated Primary and Secondary Synchronous Rectification Driver with Capacitive Isolation
More results

Similar Description - MPX2001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV020-5-S-00A MPS-EV020-5-S-00A Datasheet
629Kb / 16P
85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV020-5-S-00C MPS-EV020-5-S-00C Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 12V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV020-5-S-01B MPS-EV020-5-S-01B Datasheet
367Kb / 9P
85VAC~265VAC/50Hz, 12V/0.65A竊?V/50mA Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV4033-K-00A MPS-EV4033-K-00A Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
EV4088-S-00A MPS-EV4088-S-00A Datasheet
1Mb / 13P
198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com