Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems MPX2001 Datasheet HTML 10Page - Monolithic Power Systems MPX2001 Datasheet HTML 11Page - Monolithic Power Systems MPX2001 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UNIVERSAL INPUT, 12V/5A ADAPTER EVALUATION BOARD
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
8
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TRANSFORMER SPECIFICATION
Electrical Diagram
4
3
2
6
5
NC
9
10
N1
N3
N4
N2
N5
PRI.
SEC.
Winding Start 起绕脚
Teflon Tube 套管
铜箔
Figure 4
—Transformer Electrical Diagram
Notes:
1.
Core is connected to Pin 5 with naked wire.
Winding Order
Tape Layer
Winding #
Start-End
Wire Dia
Turns
Winding
Tube
0
N1
4
—〉2
0.33mm*2
18
Fit with wire
1
One Layer Copper, connected to Pin5 with wire
1
N2
9
—〉10
0.6mm(T.I.W)*4
5
Spread
evenly
Ft with wire
1
N3
N4
6
—〉5
5
—〉NC
0.33mm*1
0.33mm*1
6
Spread
evenly
Fit with wire
1
N5
2
—〉3
0.33mm*2
24
Fit with wire
3
Electrical Specifications
Electrical Strength
60 second, 60Hz, from PRI. to SEC.
3500VAC
60 second, 60Hz, from PRI. to CORE.
500VAC
60 second, 60Hz, from SEC. to CORE.
3500VAC
Primary Inductance
Pins 3 - 4, all other windings open, measured at 60kHz, 0.1
VRMS
0.75mH±10%
Primary Leakage Inductance
Pins 3 - 4 with all other pins shorted, measured at 60kHz.
0.1 VRMS
<15
μH±10%
Materials
Item
Description
1
Core: PQ2625,
2
Bobbin: PQ2625, 4+2PIN 1 SECT TH, UL94V-0
3
Wire:
Φ0.33mm,, 2UEW, Class B
4
Wire:Φ0.33mm,, 2UEW, Class B
5
Triple
Insulation Wire: Φ0.6mm TIW
7
Tape: 10.5mm(W)×0.06mm(TH)
8
Varnish: JOHN C. DOLPH CO, BC-346A or equivalent
9
Solder Bar: CHEN NAN: SN99.5/Cu0.5 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com