Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPX2001 Datasheet HTML 1Page - Monolithic Power Systems MPX2001 Datasheet HTML 2Page - Monolithic Power Systems MPX2001 Datasheet HTML 3Page - Monolithic Power Systems MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
UNIVERSAL INPUT, 12V/5A ADAPTER EVALUATION BOARD
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
5
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EVX2001-Y-00B is a single-stage flyback
converter with All-in-One controller. The input is
universal and output is 12V/5A. The All-in-One
controller integrates primary side and secondary
side in one chip so the opto-coupler and TL431
can be saved.
F1, LX1, LX2, CX1, BD1, RX1 and RX2 compose
the input stage. F1 is the fuse and is used to
protect the component failure or some excessive
short events. LX1, LX2 and CX1 are configured
the EMI filter to suppress conducted EMI. BD1 is
the rectifier bridge to convert AC voltage to DC
voltage.
RX1 and RX2 are the discharging
resistors
to
make
CX1
discharging
time
compliant with safety regulation.
C1 is the filter capacitor. D1, R5, R6, R24 and C2
are configured RCD snubber to suppress voltage
spike of Mosfet.
R12, C3, C5 and D3 are used as Vcc power
supply.
D5, R23 and Q3 are optional OVP circuit. The
OVP threshold can be set by this external circuit.
MPX2001 and its peripheral components are
configured flyback controller circuit. MPX2001
integrates the primary side and secondary side in
one chip so the opto-coupler and TL431 can be
saved.
Q1 is the main switch and R4, R7 and R9 are the
current sensing resistors.
T1 is the transformer to transfer the power from
primary side to secondary side. It is key
component for the whole circuit normal working
with good performance. So it should be designed
carefully.
CY1 is Y capacitor lowering common mode noise
to make sure there is enough EMI margin.
Q2 is secondary synchronous rectifier (SR) and
R15A, R15B and C8 are their snubber to
suppress SR high voltage spike.
C10, C12 and C14 are output capacitors. R18,
C9 and C17 are configured as the compensation
network. R20 and R21 are feedback resistors.
R22 is the output current sensing resistor for the
over current protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com