Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPX2001 Datasheet HTML 3Page - Monolithic Power Systems MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems MPX2001 Datasheet HTML 10Page - Monolithic Power Systems MPX2001 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UNIVERSAL INPUT, 12V/5A ADAPTER EVALUATION BOARD
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
7
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVX2001-Y-00B BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package Manufacturer Part Number
1
Q2
FDPF045N10A
N-Channel Mosfet;
100V/67A
TO-220
Fairchild
FDPF045N10A
0
Q3
NC
No Connected
1
R1
100k/1%
Film Resistor;1%;
0603
Yageo
RC0603FR-07100KL
2
R2, R3
5.1M/1206
Film Resistor;1%;
1206
Yageo
RC1206FR-075M1L
1
R4
0.75/1206/1%
Film Resistor;
1%;1/4W;
1206
Royalohm
1206 F50LT5F
1
R5
47/1206
Film Resistor;1%
1206
Yageo
RC1206FR-0747R
2
R6, R24
499k/1206
Film Resistor;1%;
1206
Yageo
RC1206FR-07499KL
3
R7, R9,
R12
1/1206/1%
Film Resistor;
1%;1/4W;
1206
Yageo
RC1206FR-071RL
2
R8, R17
10k
Film Resistor;1%;
0603
Yageo
RC0603FR-0710KL
2
R10,R14
1k
Resistor;1%;1/16W;
0603
Ralec
RF0603-1K
2
R11,R16
20/1206
Film Resistor;5%
1206
Yageo
RC1206JR-0720R
0
R13
NC
No Connected
2
R15A,R15B
10/1206
Film Resistor;5%
1206
Yageo
RC1206JR-0710R
1
R18
499k/1%
Film Resistor;1%;
0603
Yageo
RC0603FR-07499KL
1
R19
0
Film Resistor;1%;
0603
Yageo
RC0603FR-070RL
1
R20
220k/1%
Film Resistor;1%;
0603
Yageo
RC0603FR-07220KL
1
R21
20k/1%
Film Resistor;
1%;1/10W;
0603
Yageo
RC0603FR-0720KL
1
R22
6m/1206/1%
Film Resistor;
1%;1/4W;
1206
TA-I
Technology
RLM12FTCMR006
2
RX1,RX2
2.2M/5%
Film Resistor;
5%;1/4W;
1206
Yageo
RC1206JR-072M2L
1
T1
0.75mH
PQ2625, Lm=0.75mH, PQ2625
Emei
FX0478
1
U1
MPX2001GY
All-in-one Controller
MPS
All In One
4
L, N,
VOUT,GND
2.0mm 铜柱
0
HS1, HS2
NC
No Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com