Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2001 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPX2001
Description  90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2001 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPX2001 Datasheet HTML 2Page - Monolithic Power Systems MPX2001 Datasheet HTML 3Page - Monolithic Power Systems MPX2001 Datasheet HTML 4Page - Monolithic Power Systems MPX2001 Datasheet HTML 5Page - Monolithic Power Systems MPX2001 Datasheet HTML 6Page - Monolithic Power Systems MPX2001 Datasheet HTML 7Page - Monolithic Power Systems MPX2001 Datasheet HTML 8Page - Monolithic Power Systems MPX2001 Datasheet HTML 9Page - Monolithic Power Systems MPX2001 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UNIVERSAL INPUT, 12V/5A ADAPTER EVALUATION BOARD
EVX2001-Y-00B Rev.1.1
www.MonolithicPower.com
6
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVX2001-Y-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer Part Number
1
BD1
GBU406
Diode;600V;4A
DIP
Diodes
GBU406
1
C1
120
μF
Electrolytic Capacitor;
400V;
DIP
Rubycon
KXW Series 18*30
1
C2
1nF/630V
Ceramic Capacitor;
630V;U2J
1206
Murata
GRM31A7U2J102JW31D
1
C3
0.1
μF/50V
Ceramic Capacitor;
50V;X7R
0603
Murata
GRM188R71H104KA93D
1
C4
10pF
Ceramic Capacitor;
50V;C0G;
0603
TDK
C1608COG1H100D
1
C5
22
μF/50V
Electrolytic Capacitor;
50V;
DIP
Wurth
860160672011
2
C6, C7
1nF
Ceramic Capacitor;
25V;C0G;
0603
muRata
GRM1885C1E102JA01D
1
C8
2.2nF/250V
Ceramic Capacitor;
250V;X7R;
0805
TDK
C2012X7R2E222K
1
C9
680pF
Ceramic 'Capacity;
50V; X7R;
0603
TDK
C1608X7R1H681K
2
C10, C12
820
μF
Electrolytic Capacitor;
25V;
DIP
Rubycon
25ZL820
0
C11
NC
No Connected
1
C13
4.7
μF
Ceramic Capacitor;
25V;X7R;
0805
muRata
GRM21BR71E475KA73L
1
C14
1
μF
Ceramic Capacitor;
25V;X5R;
0603
TDK
C1608X5R1E105K
2
C15, C16
2.2
μF
Ceramic Capacitor;
10V;X7R;
0603
muRata
GRM188R71A225KE15D
1
C17
100pF
Ceramic Capacitor;
50V;C0G
0603
TDK
C1608C0G1H101J
1
CX1
220nF
Capacitor;275V;10%
DIP
Carli
PX224K3ID49L270D9R
1
CY1
1.0nF/250V
Y Capacitor;
250V;20%
DIP
鸿科
JNK09E102MY02N
1
D1
FR107
Diode;1000V;1A
DO-41
Diodes
FR107
2
D2, D4
1N4148WS
Diode;75V;0.15A;
SOD-323
Diodes
1N4148WS-7-F
1
D3
BAV21W
Diode;200V;0.2A;
SOD-123
Diodes
BAV21W-7-F
0
D5
NC
No Connected
1
F1
SS-5-3.15A
Fuse;250V;3.15A
DIP
COOPER
Bussman
SS-5-3.15A
1
LX1
300uH
Common Choke;
300uH;1A
DIP
Emei
TP4U300-00
1
LX2
20mH
Common Choke;
20mH;2A
DIP
Emei
TP4M20-02
1
Q1
IPP65R280E6
Mosfet;
700V;0.28/10V;
TO220
Infineon
IPP65R280E6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com