Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button AC208-DS02-R Datasheet HTML 32Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 33Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 34Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 35Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 36Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 37Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 38Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 39Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 28 PHY Registers
Document
AC208-DS04-405-R
PHY 10BASE-T CONFIGURATION REGISTER
Table 27: PHY 10BASE-T Configuration Register
Register
Bit
Name
Description
Mode
Default
16.15
Repeater
1 = Repeater mode. Full-duplex is inactive, and CES only
responses to receive activity. SEQ test function is also
disabled.
0 = DTE mode.
RW
1
16.14
Reserved
RO
0
16.13
TXJAM
1=Force CIM to send jam pattern.
0=Normal operation mode
RO
0
16.12
CIM Disable
1 = Disable carrier integrity monitor function.
0 = Enable carrier integrity monitor function.
Default is ‘0’.
RW
1
16.11
SEQ Test Inhibit
1 = Disable 10BASE-T SEQ testing.
0 = Enable 10BASE-T SEQ testing. Generates a COL pulse
following the completion of a packet transmission.
RW
0
16.10
BASE-T Normal Loop
Back
1 = Enable 10BASE-T normal loop back.
0 = Disable 10BASE-T normal loop back.
RW
0
16.[9:6]
Reserved
RO
0
16:5
Auto polarity disable
1 = Disable auto polarity detection/correction.
0 = Enable auto polarity detection/correction.
RW
0
16.4
Reverse Polarity
When Reg16.5 is set to 0, this bit sets to 1. If Reverse
Polarity is detected on the media, it is set to 0. When
Reg16.5 is set to 1, writing a one to the bit reverses the
polarity of the transmitter.
Note: The reverse polarity is detected either through 8
inverted NLP or through a burst of inverted FLP.
RW
0
16:[3:0]
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com