Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 52 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 52 Page - Broadcom Corporation.

Back Button AC208-DS02-R Datasheet HTML 48Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 49Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 50Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 51Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 52Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 53Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 54Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 55Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 56Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 44 100 MBPS Repeater BackPlane Receive/Transmit Timing
Document
AC208-DS04-405-R
100 MBPS REPEATER BACKPLANE RECEIVE/TRANSMIT TIMING
Figure 8: 100 Mbps RBP Receive/Transmit Timing
Table 50: 100 Mbps Repeater BackPlane Receive/Transmit Timing
Parameter
Symbol
Minimum
Typical
Maximum
Units
MS100D_CLK Period
tCK
40
ns
MS100D_CLK High period
tCKH
18
22
ns
MS100D_CLK Low period
tCKL
18
22
ns
RXIP/N to Control Assert
tJC
180
ns
RXIP/N to Control De-assert
tTC
180
ns
RXIP/N to M100COL_SYS* Assert
tCCS
200
ns
Control Falling to MS100CRS_SYS*/
MS100D_EN Falling Delay Time
tCSC
30
ns
MS100D to MS100D_CLK Rising Setup Time
tDS
12
ns
MS100D to MS100D_CLK Rising Hold Time
tDH
5
ns
Control Assert to TXOP/N Valid
tCLT
300
ns
Control De-assert to TXOP/N Invalid
tCHT
200
Control is the combination of the following signals:
M100ACT0*, M100ACT1_0*, M100ACT1_1*, M100ACT1_2*
tJC
tTC
tDS
tDH
tCLT
tCHT
tCCS
tCSC
RXIP/N
TXOP/N
Start of Packet
tCK
tCKH
tCKL
MS100D_CLK
Control*
End of Packet
MS100D
M100COL_SYS*
MS100CRS_SYS*/
MS100D_EN*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com