Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button AC208-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 9Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 10Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 11Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 13Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 14Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 15Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 4
Receive Function
Document
AC208-DS04-405-R
LINK MONITOR
Signal levels are detected through a squelch detection circuitry. A signal detect (SD) circuit follows the equalizer and is
asserted high when the peak detector detects a post-equalized signal with peak to ground voltage level larger than 400 mV.
This is approximately 40% of a normal signal voltage level. In addition, the energy level must be sustained longer than 2~3 µs
in order for the signal detects be asserted. It gets de-asserted approximately 1~2 µs after the energy level is consistently
less than 300 mV from peak to ground.
In 100BASE-TX mode, when no signal or invalid signal is detected on the receive pair, the link monitor enters in the link fail
state where only scrambled idle code is transmitted. When a valid signal is detected for a minimum period of time, the link
monitor enters a link pass state and transmit and receive functions are entered.
In 10BASE-T mode, a link-pulse detection circuit constantly monitors the RXIP/RXIN pins for the presence of valid link
pulses.
BASELINE WANDER COMPENSATION
The 100BASE-TX data stream is not always DC balanced. The transformer blocks the DC component of the incoming signal,
thus the DC offset of the differential receives inputs can wander. The shift in the signal levels, coupled with non-zero rise
and fall times of the serial stream can cause pulse-width distortion, creating jitter and possible increases in error rates.
Therefore, a DC restoration circuit is needed to compensate for the attenuation of DC component. The Transceiver
implemented is a patent-pending DC restoration circuit, unlike the traditional implementation; it does not need the feedback
information from the slicer and clock recovery. This not only simplifies the system/circuit design but also eliminates any
random/systematic offset on the receive path. In 10BASE-T mode, the baseline wander correction circuit is not required and
is bypassed.
CLOCK/DATA RECOVERY
The equalized MLT-3 signal passes through a slicer circuit that converts to NRZI format. The transceiver uses a mixed-signal
phase locked loop (PLL) to extract clock information of the incoming NRZI data. The extracted clock is used to re-time the
data stream and set the data boundaries. The transmit clock is locked to the 25-MHz clock input while the receive clock is
locked to the incoming data streams. When initial lock is achieved, the PLL switches to lock to the data stream, extracts a
125-MHz clock and uses that for bit framing to recover data. The recovered 125-MHz clock is also used to generate an
internal 25-MHz RX_CLK. The PLL requires no external components for its operation and has high noise immunity and low
jitter. It provides fast phase align (lock) to data in one transition and its data/clock acquisition time after power-on is less than
60 transitions. The PLL can maintain lock on run-lengths of up to 60 data bits in the absence of signal transitions. When no
valid data is present (like when the SD is de-asserted), the PLL switches back to lock with TX_CLK and provides a
continuously running RX_CLK.
DECODER/DESCRAMBLER
The descrambler detects the state of the transmit Linear Feedback Shift Register (LFSR) by looking for a sequence
representing consecutive idle codes. The descrambler acquires lock with the data stream by recognizing IDLE bursts of 30
or more bits and locking to its de-ciphering Linear Feedback Shift Register (LFSR).
Once lock is acquired, the device operates with the inter-packet-gap (IPG) as low as 40 ns. Before lock occurs, the de-
scrambler requires a minimum of 720 nS of idle in between packet in order to acquire lock.
The deciphering logic also tracks the number of consecutive receive errors detected while RX_DV is asserted. Once the
error counter exceeds its limit (currently set to 64 consecutive errors), the logic assumes that lock has been lost, and the de-
cipher circuit resets itself. The process of regaining lock begins again.
Stream cipher de-scrambler is not used in 10BASE-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com