Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 48 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 48 Page - Broadcom Corporation.

Back Button AC208-DS02-R Datasheet HTML 44Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 45Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 46Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 47Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 48Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 49Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 50Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 51Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 52Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 40 Operating Range
Document
AC208-DS04-405-R
REFCLK PINS
I/O CHARACTERISTICS—LED PINS
Table 43: TTL I/O Characteristics
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Input Voltage High
Vih
2.0
V
Input Voltage Low
Vil
0.8
V
Input Current
Ii
–10
10
mA
Output Voltage High
Voh
2.0
V
Output Voltage Low
Vol
0.4
V
Output Current High
Ioh
8
mA
Output Current Low
Iol
-8
mA
Input Capacitance
Ci
10
pF
Output Transition Time
3.15V < VCC < 3.45V
5
ns
Tristate Leakage
Current
|Ioz|
10
uA
Table 44: REFCLK Pins
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Input Voltage Low
Vil
0.8
V
Input Voltage High
Vih
2.0
V
Input Clock Frequency Tolerance
F
100
ppm
Input Clock Duty Cycle
Tdc
40
60
%
Input Capacitance
Cin
3.0
pF
Table 45: I/O Characteristics—LED Pins
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Output Low Voltage
Vol
0.4
V
Output High Voltage
Voh
V
Input Current
Ii
27
mA
Output Current
Io
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com