Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AC208-DS02-R Datasheet HTML 37Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 38Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 39Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 40Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 41Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 42Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 43Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 44Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Test and LED Effect Register
Page 33
TEST AND LED EFFECT REGISTER
This set of the registers is defined for the whole chip. The base address is hex 08.
LED EFFECT WITH PARTITION/ISOLATION EVENT
LED EFFECT WITH LINK EVENT
Table 34: LED Effect with Partition/Isolation Event
Register
Bit
Name
Description
Mode
Default
15:12
Blink Rate [7:4]
Set the blink rate bits [7:0] with LED Effect with Partition/Isolation
Event Register (PHY Addr = 8; Reg Addr = 18), abbreviated as
REG_LED_EFFECT in the following equation.
Blink Rate = 1 / (16 ms x {REG_LED_EFFECT[15:12],
4‘b0000} x 2)
RW
0001
11:10
Reserved
RO
00
9:8
LED On with
Part/ISO Event
When Partition/Isolation, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED Blink with
Part/ISO Event
When Partition/Isolation, blink corresponding LED 1:0.
RW
00
3:2
Reserved
RO
00
1:0
LED Off with
Part/ISO Event
When Partition/Isolation, turn off corresponding LED 1:0.
RW
00
Table 35: LED Effect with Link Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with Link
Event
When Link Up, turn on corresponding LED 1:0.
RW
11
7:6
Reserved
RO
00
5:4
LED Blink with Link
Event
When Link Up, blink corresponding LED 1:0.
RW
11
3:2
Reserved
RO
00
1:0
LED Off with Link
Event
When Link Up, turn off corresponding LED 1:0.
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com