Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS02-R Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AC208-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS02-R Datasheet(HTML) 4 Page - Broadcom Corporation.

  AC208-DS02-R Datasheet HTML 1Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 2Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 3Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 4Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 5Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 6Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 7Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC208-DS02-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
B roa dcom
Page iv
Document
AC208-DS04-405-R
AC208
Preliminary Data Sheet
07/08/02
Section 2: Pins................................................................................................................... 12
Pin Descriptions ......................................................................................................................................... 12
Section 3: Register Descriptions ..................................................................................... 18
Register Description................................................................................................................................... 18
Bridge Configuration Register ............................................................................................................... 22
PHY Configuration Register .................................................................................................................. 23
PHY Identifier 2 Register ....................................................................................................................... 25
Auto-Negotiation Advertisement Register ............................................................................................. 25
Auto-Negotiation Expansion Register.................................................................................................... 26
Cable Length Register........................................................................................................................... 30
Power Management Register ................................................................................................................ 31
LED Effect with Partition/Isolation Event ...............................................................................................33
LED Effect with Link Event .................................................................................................................... 33
LED Effect with Auto-Negotiating Event ................................................................................................ 34
LED Register Control Mode...................................................................................................................35
LED Display Matrix .....................................................................................................................................38
System Considerations.......................................................................................................................... 38
Section 4: Electrical Characteristics ............................................................................... 39
Absolute Maximum Ratings....................................................................................................................... 39
Operating Range......................................................................................................................................... 39
REFCLK Pins ........................................................................................................................................ 40
I/O Characteristics—LED Pins .............................................................................................................. 40
10BASE-T Transceiver Characteristics ................................................................................................. 41
Section 5: Digital Timing Characteristics ....................................................................... 42
Power on Reset...........................................................................................................................................42
PHY MDC/MDIO Interface........................................................................................................................... 43
100 MBPS Repeater BackPlane Receive/Transmit Timing .....................................................................44
10 MBPS Repeater BackPlane Receive/Transmit Timing ....................................................................... 45
EEPROM Interface Timing .........................................................................................................................46
LED Timing..................................................................................................................................................47
TX Application Termination ....................................................................................................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com