Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 3 Page - Infineon Technologies AG

  AMD8513 Datasheet HTML 1Page - Infineon Technologies AG AMD8513 Datasheet HTML 2Page - Infineon Technologies AG AMD8513 Datasheet HTML 3Page - Infineon Technologies AG AMD8513 Datasheet HTML 4Page - Infineon Technologies AG AMD8513 Datasheet HTML 5Page - Infineon Technologies AG AMD8513 Datasheet HTML 6Page - Infineon Technologies AG AMD8513 Datasheet HTML 7Page - Infineon Technologies AG AMD8513 Datasheet HTML 8Page - Infineon Technologies AG AMD8513 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
Template: template_A4_3.0.fm / 3 / 2005-01-17
Trademarks
ABM®, ACE®, AOP®, ARCOFI®, ASM®, ASP®, DigiTape®, DuSLIC®, EPIC®, ELIC®, FALC®, GEMINAX®, IDEC®,
INCA®, IOM®, IPAT®-2, ISAC®, ITAC®, IWE®, IWORX®, MUSAC®, MuSLIC®, OCTAT®, OptiPort®, POTSWIRE®,
QUAT®, QuadFALC®, SCOUT®, SICAT®, SICOFI®, SIDEC®, SLICOFI®, SMINT®, SOCRATES®, VINETIC®,
10BaseV®, 10BaseVX® are registered trademarks of Infineon Technologies AG. 10BaseS™, EasyPort™,
VDSLite™ are trademarks of Infineon Technologies AG. Microsoft® is a registered trademark of Microsoft
Corporation, Linux® of Linus Torvalds, Visio® of Visio Corporation, and FrameMaker® of Adobe Systems
Incorporated.
USB-to-10/100 Mbps Ethernet LAN Controller
Revision History: 2005-12-05, Rev. 1.21
Previous Version:
Page/Date
Subjects (major changes since last revision)
2001-12
Rev. 0.1: Preliminary
2002-01
Rev. 1.0: Rearrange
2002-06
Rev. 1.1:
1.VAARef I/O is power pin, not input pin in P.7
2.GNDRef I/O is power pin, not input pin in P.7
3.Modify Pin Assignment Diagram P.5
4.Make small correction on P1, P2, P5, P10, P13, P17, P19, P35, P37, P38
2002-06
Rev 1.2:
1.Remove power consumption @ mode 1 in P.2
2.Change power consumption in P.33
3.Add layout guide in Appendix A
2005-09-13 Rev 1.21: when changed to the new Infineon format
2005-12-05 Minor change. Included Green package information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com