Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 5Page - Infineon Technologies AG AMD8513 Datasheet HTML 6Page - Infineon Technologies AG AMD8513 Datasheet HTML 7Page - Infineon Technologies AG AMD8513 Datasheet HTML 8Page - Infineon Technologies AG AMD8513 Datasheet HTML 9Page - Infineon Technologies AG AMD8513 Datasheet HTML 10Page - Infineon Technologies AG AMD8513 Datasheet HTML 11Page - Infineon Technologies AG AMD8513 Datasheet HTML 12Page - Infineon Technologies AG AMD8513 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Data Sheet
9
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Product Overview
1
Product Overview
1.1
Package Information
1.2
Features
Main features:
•
Industrial Standard
– IEEE 802.3/802.3u 10Base-T/100Base-Tx compliant.
– Supports IEEE 802.3x flow control
– Supports Auto-Negotiation for 10BASE-T and 100BASE-TX
– USB specification 1.0 and 1.1 compliant
•
USB Interface
– USB specification 1.0 and 1.1 compliant
– Full-Speed USB Device
– Supports 1 USB configuration and 1 interface
– Supports all USB standard commands
– Supports two vendor specific commands
– Supports USB Suspend/Resume detection logic
– Supports 4 endpoints: 1 control endpoint with maximum 8-byte packet, 1 bulk IN endpoint with maximum
64-byte packet, 1 bulk OUT endpoint with maximum 64-byte packet and 1 interrupt IN endpoint with
maximum 8-byte packet
•
MAC/PHY
– Integrates the PHY by using address 1
– Supports configurable threshold for PAUSE frame.
– Supports Auto-Negotiation
– Provides transmit wave-shaper, receive filter, and adapter equalizer.
– Provides MLT-3 transceiver with DC restoration for Base-Line wander.
– Supports external transmit/receive transformer with turn ration 1:1.
•
EEPROM Interface
– Provides serial interface to access 93C46 EEPROM
– Automatically load device ID, vendor ID from EEPROM after power-on reset
•
FIFO
– Synchronous SRAM.
– Internal 2K-byte two port asynchronous SRAM.
•
LED Interface
– 2 LED operation modes
– LED0: speed indication for 10Mbps or 100Mbps.
– LED1: link indication.
– LED2: full duplex indication.
•
Support Power Save Function @ USB suspend mode
Product Name
Product Type
Package
Ordering Number
ADM8513
ADM8513-AD-T-1
P-LQFP-48-5
Q67801H 62A101 1)
1) “x” stands as key to Infineon packing variants, such as “Tape&reel, drypacked” as well as for the environmentally “green”
package version.
ADM8513X
ADM8513X-AD-T-1
PG-LQFP-48-5
Q67801H 98A101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com