Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 60Page - Infineon Technologies AG AMD8513 Datasheet HTML 61Page - Infineon Technologies AG AMD8513 Datasheet HTML 62Page - Infineon Technologies AG AMD8513 Datasheet HTML 63Page - Infineon Technologies AG AMD8513 Datasheet HTML 64Page - Infineon Technologies AG AMD8513 Datasheet HTML 65Page - Infineon Technologies AG AMD8513 Datasheet HTML 66Page - Infineon Technologies AG AMD8513 Datasheet HTML 67Page - Infineon Technologies AG AMD8513 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
64
Rev. 1.21, 2005-12-05
TEST
Test Mode
6.2
PHY Registers Description
Test
Offset
Reset Value
TEST
80H
00H
Field
Bits
Type
Description
Res
7:0
ro
Reserved
TM
Offset
Reset Value
Test Mode
81H
00H
Field
Bits
Type
Description
Res
7:0
ro
Reserved
Table 71
Registers Address SpaceRegisters Address Space
Module
Base Address
End Address
Note
System Registers
0000 0000H
0000 0006H
Table 72
Registers Overview
Register Short Name
Register Long Name
Offset Address
Page Number
CTL
Control
0H
67
STA
Status
1H
68
PHYI1
PHY Identifier 1
2H
70
PHYI2
PHY Identifier 2
3H
70
ANA
Auto-Negotiation Advertisement
4H
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com