Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 9Page - Infineon Technologies AG AMD8513 Datasheet HTML 10Page - Infineon Technologies AG AMD8513 Datasheet HTML 11Page - Infineon Technologies AG AMD8513 Datasheet HTML 12Page - Infineon Technologies AG AMD8513 Datasheet HTML 13Page - Infineon Technologies AG AMD8513 Datasheet HTML 14Page - Infineon Technologies AG AMD8513 Datasheet HTML 15Page - Infineon Technologies AG AMD8513 Datasheet HTML 16Page - Infineon Technologies AG AMD8513 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Data Sheet
13
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Interface Description
2.2.3
LED Interface
Note: The LED interface is EEPROM-programmable, 2 bit EEPROM control bit, Address 0B[7:6] at EEPROM, is
used to select LED mode, the default setting are:
1. LED0: 100Mbps(on, drive '0') or 10Mbps(off, drive '1')
2. LED1: link (keeps on when link ok) or activity (blinks with 10Hz when Pegasus II is receiving or transmitting but
not colliding
3. LED2: full duplex (keeps on when in full duplex mode) or collision (blinks with 20Hz when colliding)
4. All LED pins will be tri-state when using external PHY (offset 81h with bit[4:2] = 001B)
Mapping between LED action and EEPROM 0B[7:6] setting
Table 4
Physical Interface
Pin or Ball
No.
Name
Pin
Type
Buffer
Type
Function
86, 35
RXIP, RXIN
I
RX Input
46, 47
TXOP, TXON
O
TX Output
44
CLK25_I
I
Crystal Input
25MHz
43
CLK25_O
O
Crystal Output
25MHz
41
RIBB
I
Reference Bias Resistor, tied to external 10K(1%)
resistor to ground
38, 39
TSTA, TSTB
O
Test Output Pin
Table 5LED Interface
Pin or Ball
No.
Name
Pin
Type
Buffer
Type
Function
33
LED0
O
LED display for 100M b/s or 10M b/s speed.
Active low indicates 100Base-TX, active high indicates 10
BaseT.
32
LED1
O
LED display for link and activity status.
Active low when link is established.
31
LED2
O
LED display for Full Duplex or Collision status.
Active low indicates full duplex, high indicates collision in
half duplex.
Table 6
Mapping between LED action and EEPROM 0B[7:6] setting
EEPROM 0B[7:6] LED Action
0,0
LED0 10 / 100 (OFF/ON)
LED1 LINK / ACTIVITY (ON/FLASH)
LED2 FULL DUP / COL (ON/FLASH)
0,1
LED0 ACTIVITY when LINK (FLASH)
LED1 LINK 10(ON)
LED2 LINK 100(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com