Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 45Page - Infineon Technologies AG AMD8513 Datasheet HTML 46Page - Infineon Technologies AG AMD8513 Datasheet HTML 47Page - Infineon Technologies AG AMD8513 Datasheet HTML 48Page - Infineon Technologies AG AMD8513 Datasheet HTML 49Page - Infineon Technologies AG AMD8513 Datasheet HTML 50Page - Infineon Technologies AG AMD8513 Datasheet HTML 51Page - Infineon Technologies AG AMD8513 Datasheet HTML 52Page - Infineon Technologies AG AMD8513 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Data Sheet
49
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Registers Description
Transmit Status 2
Receive Status
TS2
Offset
Reset Value
Transmit Status 2
2CH
00H
Field
Bits
Type
Description
TXFF
7
r
TX Fifo Full
Set by HW to indicate tx fifo full.
Clear this register by SW Read or after EP3 is accessed.
TXFE
6
r
TX Fifo Empty
Set by HW to indicate tx fifo empty.
Clear this register by SW Read or after EP3 is accessed.
TXPC
3:0
r
TX Packet Count
Set by HW to indicate Ethernet transmit packet counts every interrupt EP
polling. If more than 15 packets have been transmitted, this value will stay
as 15.
Clear by SW read or after EP3 is accessed.
RS
Offset
Reset Value
Receive Status
2DH
00H
Field
Bits
Type
Description
RXP
1
r
RX Pause
Set by HW to indicate a PAUSE frame is received.
Clear this register by SW Read or after EP3 is accessed.
RXO
0
r
RX Overflow
Set by HW to indicate external SRAM overflow.
Clear this register by SW Read or after EP3 is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com