Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD8513 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 28Page - Infineon Technologies AG AMD8513 Datasheet HTML 29Page - Infineon Technologies AG AMD8513 Datasheet HTML 30Page - Infineon Technologies AG AMD8513 Datasheet HTML 31Page - Infineon Technologies AG AMD8513 Datasheet HTML 32Page - Infineon Technologies AG AMD8513 Datasheet HTML 33Page - Infineon Technologies AG AMD8513 Datasheet HTML 34Page - Infineon Technologies AG AMD8513 Datasheet HTML 35Page - Infineon Technologies AG AMD8513 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
32
Rev. 1.21, 2005-12-05
Ethernet Control 2
EC2
Offset
Reset Value
Ethernet Control 2
02H
00H
Field
Bits
Type
Description
MEPL
7
rw
Max Ethernet Packet Length
0B
1528B, 1528 bytes
1B
1638B, 1638 bytes, Default is 0
Res
6
ro
Reserved
LEEPRS
5
rw
Load EEPROM Start
When this bit is written with 1, HW will start to load EEPROM.
EEPRW
4
rw
EEPROM Write Enable/disable
0B
WEDC, EEPROM writes enable/disable command
1B
WC, EEPROM writes command
LB
3
rw
MAC Loop Back Mode Enable
PROM
2
rw
Promiscuous
0B
RPP, Receives packets which pass the address filter
1B
RAP, Receives any packet
RXBP
1
rw
Receive Bad Packets
0B
FABP, Filters all bad packet
1B
RBPP, Receives bad packets which pass the address filter
EP3RC
0
rw
EP3 Read Cleared
0B
AEP3, Access EP3, no effect to those registers.
1B
OEP3, Once EP3 is accessed, those registers (2B-2F, 7A) will be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com