Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 13 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 13 Page - ams AG

Back Button CMV2000 Datasheet HTML 9Page - ams AG CMV2000 Datasheet HTML 10Page - ams AG CMV2000 Datasheet HTML 11Page - ams AG CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG CMV2000 Datasheet HTML 14Page - ams AG CMV2000 Datasheet HTML 15Page - ams AG CMV2000 Datasheet HTML 16Page - ams AG CMV2000 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 12 of 63
© 2015 CMOSIS bvba
The typical (offset) value of the temperature sensor at 0°C would be: 1000 ∗
���� [������������]
40
DN. This offset can differ per device.
A typical slope would be around 0.3 ∗
40
����[������������]
°C/DN.
For example, for the calibration of a sensor you’re reading out a temperature register value of 1066 at 35°C die
temperature and an input frequency of 40MHz. If later you read out the temperature register value and it is 1184. You
can calculate the ambient temperature back from that.
Ambient temperature = [(1184-1066)*0.3*40/40Mhz] + 35°C = 70.4°C die temperature.
Or vice versa, if you want to know the temperature register value for a die temperature of -10°C at 40MHz:
Register value = (-10°C -35°C) * 40MHz/40 * (1/0.3) +1066 = 916 DN
If you want a more accurate calibration you can calibrate the sensor at multiple temperatures, so you will have the exact
value of the slope also. For most devices this should be around 0.29 ~0.31.
FIGURE 3: TYPICAL OUTPUT OF THE TEMPERATURE SENSOR OF THE CMV2000
Optical center
Pixel (0,0)
3.19mm
6.58mm
Temp. sensor
FIGURE 4: LOCATION OF THE TEMPERATURE SENSOR
0
200
400
600
800
1000
1200
1400
-40
-20
0
20
40
60
80
Temperature (C)
Temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com