Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 21 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 21 Page - ams AG

Back Button CMV2000 Datasheet HTML 17Page - ams AG CMV2000 Datasheet HTML 18Page - ams AG CMV2000 Datasheet HTML 19Page - ams AG CMV2000 Datasheet HTML 20Page - ams AG CMV2000 Datasheet HTML 21Page - ams AG CMV2000 Datasheet HTML 22Page - ams AG CMV2000 Datasheet HTML 23Page - ams AG CMV2000 Datasheet HTML 24Page - ams AG CMV2000 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 20 of 63
© 2015 CMOSIS bvba
When the exposure time is shorter than the read-out time, the FOT and read-out of the next frame will start immediately
after the read-out of the previous frame. Keep in mind that the next FRAME_REQ pulse has to occur after the FOT of
the current frame. For an exact calculation of the exposure time see Chapter 5.1. When a new FRAME_REQ is applied,
the exposure of the next frame will be delayed so that the FOT begins right after the read-out time of the current frame.
FRAME_REQ
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
Exposure time
FIGURE 15: REQUEST FOR 2 FRAMES IN INTERNAL EXPOSURE MODE WITH EXPOSURE TIME < READ-OUT TIME
FRAME_REQ
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
Exposure time
FIGURE 16: TWO REQUESTS FOR 1 FRAME IN INTERNAL EXPOSURE MODE
3.10.2 EXTERNAL EXPOSURE TIME
The exposure time can also be programmed externally by using the T_EXP1 input pin. This mode can be enabled by
setting the register address 41. In this mode, the exposure starts when a high state is detected on the T_EXP1 pin. When
a high state is detected on the FRAME_REQ input, the exposure time stops and the read-out will start automatically. A
new exposure starts by sending a pulse to the T_EXP1 pin during or after the read-out of the previous frame. The
minimum time between T_EXP and FRAME_REQ is 1 master clock cycle and between FRAME_REQ and T_EXP is FOT.
For an exact calculation of the exposure time see Chapter 5.1.
FRAME_REQ
Exposure time
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
T_EXP1
FIGURE 17: REQUEST FOR 2 FRAMES USING EXTERNAL-EXPOSURE-TIME MODEREADING OUT THE SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com