Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 49 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 49 Page - ams AG

Back Button CMV2000 Datasheet HTML 45Page - ams AG CMV2000 Datasheet HTML 46Page - ams AG CMV2000 Datasheet HTML 47Page - ams AG CMV2000 Datasheet HTML 48Page - ams AG CMV2000 Datasheet HTML 49Page - ams AG CMV2000 Datasheet HTML 50Page - ams AG CMV2000 Datasheet HTML 51Page - ams AG CMV2000 Datasheet HTML 52Page - ams AG CMV2000 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 48 of 63
© 2015 CMOSIS bvba
7.2 ASSEMBLY DRAWING
The dimensions here below are the same for both packages. All dimensions are in millimeter.
9.32±0.10
Optical center
7.27±0.10
3.69±0.10
Pixel (0,0)
3.24±0.10
0.55 ±0.05
1.76 ±0.130
1.60 ±0.180
Rotation of die ref. outside of package: ± 0.5°
Tilt of die ref. die attach area: ± 0.2°
1
2
3
4
5
6
7
8
9
10
11
12
H
G
F
E
D
C
B
A
TOP VIEW
TRANSPARANT TOP VIEW
CROSS SECTION
Pixel (0,0)
3.69±0.10
3.24±0.10
FIGURE 47: ASSEMBLY DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com