Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 20 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 20 Page - ams AG

Back Button CMV2000 Datasheet HTML 16Page - ams AG CMV2000 Datasheet HTML 17Page - ams AG CMV2000 Datasheet HTML 18Page - ams AG CMV2000 Datasheet HTML 19Page - ams AG CMV2000 Datasheet HTML 20Page - ams AG CMV2000 Datasheet HTML 21Page - ams AG CMV2000 Datasheet HTML 22Page - ams AG CMV2000 Datasheet HTML 23Page - ams AG CMV2000 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 19 of 63
© 2015 CMOSIS bvba
3.9.2 SPI READ
The timing to read data from the registers over the SPI interface can be found below.
SPI_EN
SPI_IN
SPI_CLK
C=’0'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SPI_OUT
½ CLK
1 CLK
FIGURE 12: SPI READ TIMING
To indicate a read action over the SPI interface, the control bit on the SPI_IN pin is made ‘0’. The address of the register
being read out is sent immediately after this control bit (MSB first). After the LSB of the address bits, the data is launched
on the SPI_OUT pin on the falling edge of the SPI_CLK. This means that the data should be sampled by the receiving
system on the rising edge of the SPI_CLK. The data comes over the SPI_OUT with MSB first. When reading out the
temperature sensor over the SPI, addresses 126 and 127 should be read-out in burst mode (keep SPI_EN high)
3.10 REQUESTING A FRAME
After starting up the sensor (see Chapter 3.7), a number of frames can be requested by sending a FRAME_REQ pulse.
The number of frames can be set by programming the appropriate register (addresses 70 and 71). The default number
of frames to be grabbed is 1.
In internal-exposure-time mode, the exposure time will start after this FRAME_REQ pulse. In the external-exposure-
time mode, the read-out will start after the FRAME_REQ pulse. Both modes are explained into detail in the chapters
below.
3.10.1 INTERNAL EXPOSURE CONTROL
In this mode, the exposure time is set by programming the appropriate registers (address 42-44) of the CMV2000.
After the high state of the FRAME_REQ pulse is detected, the exposure time will start after a delay of 133 clock cycles,
see AN16 – Exposure Timings for all the timing details. When the exposure time ends (as programmed in the registers),
the pixels are being sampled and prepared for read-out. This sequence is called the frame overhead time (FOT).
Immediately after the FOT, the frame is read-out automatically. If more than one frame is requested, the exposure of
the next frame starts already during the read-out of the previous one.
FRAME_REQ
Exposure time
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
FIGURE 13: REQUEST FOR 2 FRAMES IN INTERNAL- EXPOSURE-TIME MODE
FRAME_REQ
Exposure time
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
FIGURE 14: TWO REQUESTS FOR 1 FRAME IN INTERNAL EXPOSURE MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com