Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 39 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 39 Page - ams AG

Back Button CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG CMV2000 Datasheet HTML 39Page - ams AG CMV2000 Datasheet HTML 40Page - ams AG CMV2000 Datasheet HTML 41Page - ams AG CMV2000 Datasheet HTML 42Page - ams AG CMV2000 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 38 of 63
© 2015 CMOSIS bvba
5.9 INTERNAL PLL
5.9.1 ENABLE PLL
When using the internal PLL it is no longer required to input a high speed LVDS clock; the internal PLL will create it itself
depending on the register settings and the master input clock. Default the internal PLL is used. You can bypass and
disable the PLL with the following settings. Please note that when disabling the PLL, the LVDS clock input must be
enabled for the sensor to operate and the LVDS receiver current must have a value greater than 0.
Enable PLL
Register name
Register address
Default value
Description of the value
Pll_enable
113[0]
1
0: disables the PLL, saving some power
1: enables the PLL
Pll_bypass
115[0]
0
0: Use the internal PLL
1: Bypass the internal PLL, use when disabling PLL
LVDS clock input
enable
82[2]
0
0: disables the LVDS clock input
1: enables the LVDS clock input, use when disabling PLL
i_lvds_rec
74[3:0]
8
0: disables current for LVDS receiver
1-15: increases the current for the LVDS receiver, use
when disabling PLL
5.9.2 DATA RATE
During start-up or after a sequencer reset, the data rate can be changed if a lower speed than 480Mbps is desired. This
can be done by applying a lower master input clock (CLK_IN) to the sensor and uploading a new value in the PLL registers.
See section 3.5 for more details on the input clock. See section 3.7 and 3.8 for details on how and when the data rate
can be changed.
PLL range
CLK_IN range [MHz]
PLL_range
PLL_OUT_FRE
PLL_IN_FRE
From – To
116[7]
116[6:4]
114[1:0]
30 - 48
1
5
0
20 - 30
0
1
0
15 - 20
1
1
1
10 - 15
0
2
1
7.5 - 10
1
2
3
5 - 7.5
0
0
3
5.10 10-BIT OR 12-BIT MODE
The CMV2000 has the possibility to send 12 bits or 10 bits per pixel. The end user can select the desired resolution by
programming the corresponding sequencer register.
10-bit or 12-bit mode
Register name
Register address
Default value
Description of the value
Bit_mode
111[0]
1
0: 12 bits per pixel
1: 10 bits per pixel
ADC_Resolution
112[1:0]
0
0: 10 bits per pixel
1: 11 bits per pixel
2: 12 bits per pixel
PLL_load
117[7:0]
8
10 bit: set to 8
12 bit: set to 4
PLL_div
116[3:0]
9
10 bit: set to 9
12 bit: set to 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com