Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 22 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 22 Page - ams AG

Back Button CMV2000 Datasheet HTML 18Page - ams AG CMV2000 Datasheet HTML 19Page - ams AG CMV2000 Datasheet HTML 20Page - ams AG CMV2000 Datasheet HTML 21Page - ams AG CMV2000 Datasheet HTML 22Page - ams AG CMV2000 Datasheet HTML 23Page - ams AG CMV2000 Datasheet HTML 24Page - ams AG CMV2000 Datasheet HTML 25Page - ams AG CMV2000 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 21 of 63
© 2015 CMOSIS bvba
4 READING OUT THE SENSOR
4.1 LVDS DATA OUTPUTS
The CMV2000 has LVDS (low voltage differential signaling) outputs to transport the image data to the surrounding
system. Next to 16 data channels, the sensor also has two other LVDS channels for control and synchronization of the
image data. In total, the sensor has 18 LVDS output pairs (2 pins for each LVDS channel):
16 Data channels
1 Control channel
1 Clock channel
This means that a total of 36 pins of the CMV2000 are used for the LVDS outputs (32 for data + 2 for LVDS clock + 2 for
control channel). See the pin list for the exact pin numbers of the LVDS outputs.
The 16 data channels are used to transfer the 10-bit or 12-bit pixel data from the sensor to the receiver in the
surrounding system.
The output clock channel transports a clock, synchronous to the data on the other LVDS channels. This clock can be
used at the receiving end to sample the data. This clock is a DDR clock which means that the frequency will be half of
the output data rate. When 480Mbps output data rate is used, the LVDS output clock will be 240MHz.
The data on the control channel contains status information on the validity of the data on the data channels. Information
on the control channel is grouped in 10-bit or 12-bit words that are transferred synchronous to the 16 data channels.
4.2 LOW-LEVEL PIXEL TIMING
Figure 18 and Figure 19 show the timing for transfer of 10-bit and 12-bit pixel data over one LVDS output. To make the
timing more clear, the figures show only the p-channel of each LVDS pair. The data is transferred LSB first, with the
transfer of bit D0 during the high phase of the DDR output clock OUTCLK.
D8
D9
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D0
D1
D2
D3
T1
OUTCLK_P
OUTX_P
FIGURE 18: 10-BIT PIXEL DATA ON AN LVDS CHANNEL
The time ‘T1’ in Figure 18 is 1/10th of the period of the CLK_IN input clock. If a frequency of 48MHz is used for CLK_IN
(max in 10-bit mode), this results in a 240MHz OUTCLK frequency.
D10 D11
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11
D0
D1
T2
OUTCLK_P
OUTX_P
FIGURE 19: 12-BIT PIXEL DATA ON AN LVDS CHANNEL
The time ‘T2’ in Figure 19 is 1/12th of the period of the CLK_IN input clock. When a frequency of 40MHz is used for
CLK_IN (max in 12-bit mode), this results in a 240MHz OUTCLK frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com