Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 4 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5521
Data Sheet
Rev. C | Page 4 of 24
DC SPECIFICATIONS
Table 2.
Parameter
Conditions
3 V
5 V
Min
Typ
Max
Min
Typ
Max
Unit
Supply Current
30
60
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±4
±7
mA
DE-EMBEDDED S-PARAMETERS, VPOS = 3 V TO 5 V, RFIN = PORT 1, VPOS = PORT 2, RFOUT = PORT 3
Table 3.
Frequency
(GHz)
S11
(dB/Ang)
S12
(dB/Ang)
S13
(dB/Ang)
S21
(dB/Ang)
S22
(dB/Ang)
S23
(dB/Ang)
S31
(dB/Ang)
S32
(dB/Ang)
S33
(dB/Ang)
0.125
−3.8/−11.3
−34.5/+8.9
−37.2/+51.8
+21.5/+161
−11.4/−133
−4.4/+32
+18.8/−155
+4.3/+32
−4.8/−80.9
0.25
−3.8/−24.5
−34.4/+26.6
−35.0/+50.5
+20.2/+158
−10.4/−153
−3.5/+19.8
+19.5/−178
−3.4/+20.1
−8.0/−111
0.375
−4.0/−37.1
−33.3/+39.6
−33.3/+54.2
+19.5/+154
−9.5/−158
−3.5/+16.5
+19.4/+170
−3.4/+17.0
−9.2/−126
0.5
−4.4/−48.9
−32.2/+48.9
−31.9/+57.7
+18.7/+150
−8.7/−158
−3.6/+16.2
+19.0/+161
−3.5/+16.7
−9.7/−133
0.625
−4.7/−60.0
−31.2/+55.8
−30.7/+60.2
+18.0/+146
−7.9/−155
−3.8/+17.2
+18.5/+153
−3.7/+17.7
−9.7/−137
0.75
−5.0/−70.2
−30.4/+61.3
−29.7/+61.9
+17.2/+143
−7.2/−150
−4.1/+19.1
+18.0/+147
−3.9/+19.5
−9.5/−139
0.875
−5.3/−79.1
−29.7/+66.6
−28.9/+63.5
+16.4/+141
−6.8/−144
−4.3/+21.6
+17.3/+141
−4.2/+22.1
−9.3/−139
1.0
−5.5/−86.9
−29.0/+71.2
−28.2/+64.7
+15.7/+140
−6.4/−137
−4.6/+24.8
+16.7/+137
−4.4/+25.1
−9.0/−138
1.125
−5.6/−93.3
−28.4/+75.6
−27.6/+65.6
+14.9/+138
−6.2/−129
−4.8/+28.0
+16.0/+132
−4.6/+28.3
−8.6/−137
1.25
−5.7/−98.0
−27.9/+79.8
−27.2/+66.9
+14.3/+138
−6.1/−121
−4.9/+31.9
+15.3/+129
−4.7/+32.1
−8.2/−135
1.375
−5.7/−102
−27.3/+84.0
−26.8/+68.0
+13.7/+138
−6.3/−113
−4.9/+35.7
+14.5/+126
−4.8/+35.8
−7.9/−133
1.5
−5.8/−104
−26.8/+87.8
−26.5/+69.4
+13.1/+138
−6.6/−105
−5.0/+39.4
+13.7/+123
−4.8/+39.4
−7.5/−131
1.625
−5.9/−104
−26.2/+91.6
−26.3/+71.5
+12.6/+138
−7.2/−97.2
−5.0/+43.5
+12.9/+122
−4.8/+43.5
−7.2/−129
1.75
−5.8/−104
−25.7/+94.8
−26.2/+73.9
+12.2/+138
−8.0/−91.0
−4.9/+47.0
+12.1/+121
−4.7/+47.0
−6.9/−127
1.875
−5.8/−103
−25.1/+98.2
−26.0/+76.8
+11.8/+139
−9.2/−86.4
−4.7/+50.5
+11.3/+122
−4.5/+50.5
−6.7/−126
2.0
−5.6/−101
−24.6/+101
−26.0/+80.1
+11.5/+139
−10.7/−85.8
−4.5/+53.6
+10.5/+123
−4.4/+53.6
−6.6/−125
2.125
−5.5/−99.3
−24.0/+104
−25.9/+85.1
+11.2/+139
−12.4/−92.3
−4.4/+56.6
+9.8/+125
−4.2/+56.6
−6.5/−125
2.25
−5.3/−97.2
−23.6/+106
−25.7/+91.0
+10.8/+139
−13.4/−110
−4.3/+59.1
+9.3/+129
−4.1/+59.1
−6.6/−125
2.375
−5.1/−95.9
−23.2/+109
−25.3/+96.7
+10.4/+139
−12.0/−129
−4.3/+61.6
+8.9/+132
−4.1/+61.7
−6.9/−127
2.5
−4.9/−94.8
−23.0/+111
−24.6/+103
+9.9/+140
−9.4/−136
−4.4/+64.3
+8.9/+136
−4.2/+64.4
−7.4/−128
2.625
−4.8/−94.4
−22.9/+114
−23.8/+108
+9.2/+141
−6.9/−135
−4.6/+67.3
+9.0/+139
−4.4/+67.4
−8.2/−130
2.75
−4.8/−94.8
−23.0/+118
−22.8/+111
+8.4/+143
−4.9/−127
−5.1/+70.9
+9.3/+140
−4.9/+71.0
−9.2/−132
2.875
−4.9/−95.4
−23.3/+122
−21.8/+114
+7.5/+146
−3.4/−117
−5.7/+75.0
+9.6/+141
−5.5/+75.2
−10.5/−133
3.0
−5.2/−96.9
−23.8/+127
−20.9/+114
+6.4/+149
−2.2/−104
−6.4/+79.7
+9.9/+140
−6.2/+79.8
−12.2/−133
3.125
−5.6/−98.9
−24.5/+133
−20.0/+114
+5.1/+153
−1.4/−89.0
−7.5/+85.2
+10.2/+138
−7.2/+85.0
−14.2/−132
3.25
−6.1/−102
−25.4/+139
−19.2/+114
+3.5/+157
−0.89/−73.4
−8.8/+90.4
+10.3/+136
−8.5/+90.4
−16.2/−126
3.375
−6.6/−105
−26.4/+144
−18.6/+112
+1.9/+162
−0.59/−57.8
−10.2/+95.5
+10.4/+133
−9.9/+95.4
−177/−116
3.5
−7.2/−110
−27.5/+149
−18.0/+111
+0.27/+165
−0.41/−42.6
−11.6/+100
+10.3/+130
−11.4/+99.7
−18.1/−104
3.625
−7.7/−115
−28.6/+154
−17.6/+109
−1.3/+169
−0.23/−27.6
−13.1/+104
+10.2/+127
−12.7/+104
−17.1/−93.5
3.75
−8.1/−123
−29.4/+158
−17.3/+106
−2.7/+172
+0.035/−12.8
−14.3/+109
+10.0/+124
−14.0/+108
−15.7/−88.0
3.875
−8.3/−132
−30.1/+163
−17.0/+103
−3.9/+175
+0.45/+2.3
−15.4/+114
+9.7/+119
−15.1/+113
−14.0/−87.7
4.0
−8.2/−140
−30.6/+168
−16.9/+99.8
−4.8/−180
+1.0/+18.9
−16.3/+120
+9.4/+115
−16.0/+120
−12.5/−89.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com