Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 2 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5521
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Specifications.......................................................................... 3
DC Specifications ......................................................................... 4
De-Embedded S-Parameters, VPOS = 3 V to 5 V, RFIN =
Port 1, VPOS = Port 2, RFOUT = Port 3 .................................. 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
900 MHz, VPOS = 5 V................................................................. 7
1950 MHz, VPOS = 5 V .............................................................. 8
2600 MHz, VPOS = 5 V .............................................................. 9
3500 MHz, VPOS = 5 V ............................................................ 10
900 MHz, VPOS = 3 V .............................................................. 11
1950 MHz, VPOS = 3 V ............................................................ 12
2600 MHz, VPOS = 3 V ............................................................ 13
3500 MHz, VPOS = 3 V ............................................................ 14
DC Characteristics ..................................................................... 15
Basic Connections.......................................................................... 16
Evaluation Board ............................................................................ 17
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 17
Tuning the ADL5521 for Optimal Noise Figure ........................ 18
Tuning S22................................................................................... 18
Tuning the LNA Input for Optimal Gain................................ 19
Tuning the LNA Input for Optimal Noise Figure.................. 19
S11 of the LNA with S22 Matched ........................................... 20
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
8/2017—Rev. B to Rev. C
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide .......................................................... 21
11/2013—Rev. A to Rev. B
Added Figure 52, Renumbered Sequentially .............................. 15
9/2009—Rev. 0 to Rev. A
Updated Maximum Junction Temperature Unit (Table 4) ......... 5
10/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com